Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM51V4256A-70 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM51V4256A-70
Description  262,144-Word4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V4256A-70 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM51V4256A-70 Datasheet HTML 1Page - OKI electronic componets MSM51V4256A-70 Datasheet HTML 2Page - OKI electronic componets MSM51V4256A-70 Datasheet HTML 3Page - OKI electronic componets MSM51V4256A-70 Datasheet HTML 4Page - OKI electronic componets MSM51V4256A-70 Datasheet HTML 5Page - OKI electronic componets MSM51V4256A-70 Datasheet HTML 6Page - OKI electronic componets MSM51V4256A-70 Datasheet HTML 7Page - OKI electronic componets MSM51V4256A-70 Datasheet HTML 8Page - OKI electronic componets MSM51V4256A-70 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
¡ Semiconductor
MSM51V4256A
PIN CONFIGURATION (TOP VIEW)
20-Pin Plastic DIP
26/20-Pin Plastic SOJ
20-Pin Plastic ZIP
Pin Name
Function
A0 - A8
Address Input
RAS
Row Address Strobe
CAS
Column Address Strobe
DQ1 - DQ4
Data Input/Data Output
OE
Output Enable
WE
Write Enable
VCC
Power Supply (3.3 V)
VSS
Ground (0 V)
3
5
7
11
13
15
17
19
DQ3
VSS
DQ2
A0
A2
VCC
A5
A7
1
OE
9
RAS
4
6
8
12
14
16
18
20
DQ4
DQ1
WE
A1
A3
A4
A6
A8
2
CAS
NO LEAD
3
4
5
9
10
11
12
13
WE
RAS
NC
A0
A1
A2
A3
VCC
24
23
22
18
17
16
15
14
DQ3
CAS
OE
A8
A7
A6
A5
A4
2
DQ2
25 DQ4
1
DQ1
26 VSS

1
DQ1
10
VCC
2
DQ2
3
WE
4
RAS
5
NC
6
A0
7
A1
8
A2
9
A3
20 VSS
11 A4
19 DQ4
18 DQ3
17
CAS
16
OE
15 A8
14 A7
13 A6
12 A5
NC
No Connection


Similar Part No. - MSM51V4256A-70

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V4221C OKI-MSM51V4221C Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-30JA OKI-MSM51V4221C-30JA Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-30RA OKI-MSM51V4221C-30RA Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-30RD OKI-MSM51V4221C-30RD Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-40JA OKI-MSM51V4221C-40JA Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
More results

Similar Description - MSM51V4256A-70

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514256C OKI-MSM514256C Datasheet
258Kb / 17P
   262,144-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V1000A OKI-MSM51V1000A Datasheet
213Kb / 15P
   1,048,576-Word 쨈 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260ESL OKI-MSM514260ESL Datasheet
184Kb / 14P
   262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800A OKI-MSM512800A Datasheet
343Kb / 8P
   262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM54V16255A OKI-MSM54V16255A Datasheet
1Mb / 19P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E-60JS OKI-MSM514260E-60JS Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800C OKI-MSM512800C Datasheet
259Kb / 16P
   262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V4265E OKI-MSM51V4265E Datasheet
208Kb / 15P
   262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com