Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM51V4256A Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM51V4256A
Description  262,144-Word4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V4256A Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM51V4256A Datasheet HTML 2Page - OKI electronic componets MSM51V4256A Datasheet HTML 3Page - OKI electronic componets MSM51V4256A Datasheet HTML 4Page - OKI electronic componets MSM51V4256A Datasheet HTML 5Page - OKI electronic componets MSM51V4256A Datasheet HTML 6Page - OKI electronic componets MSM51V4256A Datasheet HTML 7Page - OKI electronic componets MSM51V4256A Datasheet HTML 8Page - OKI electronic componets MSM51V4256A Datasheet HTML 9Page - OKI electronic componets MSM51V4256A Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/17
¡ Semiconductor
MSM51V4256A
AC Characteristics (1/2)
Random Read or Write Cycle Time
Read Modify Write Cycle Time
Fast Page Mode Cycle Time
Fast Page Mode Read Modify Write
Cycle Time
Access Time from
RAS
Access Time from
CAS
Access Time from Column Address
Access Time from
OE
Output Low Impedance Time from
CAS
Transition Time
Refresh Period
RAS Precharge Time
RAS Pulse Width (Fast Page Mode)
RAS Hold Time
CAS Precharge Time (Fast Page Mode)
CAS Pulse Width
RAS Pulse Width
CAS Hold Time
CAS to RAS Precharge Time
RAS to CAS Delay Time
RAS to Column Address Delay Time
Row Address Set-up Time
Row Address Hold Time
Column Address Set-up Time
Column Address Hold Time
Column Address Hold Time from
RAS
Column Address to
RAS Lead Time
Access Time from
CAS Precharge
OE to Data Output Buffer Turn-off Delay Time
RAS Hold Time referenced to OE
RAS Hold Time from CAS Precharge
CAS to Data Output Buffer Turn-off Delay Time
Parameter
(VCC = 3.3 V ±0.3 V, Ta = 0°C to 70°C) Note 1, 2, 3
tRC
tRWC
tPC
tPRWC
tRAC
tCAC
tAA
tOEA
tCLZ
tOFF
tT
tREF
tRP
tRAS
tRASP
tRSH
tCP
tCAS
tCSH
tCRP
tRCD
tRAD
tASR
tRAH
tASC
tCAH
tAR
tRAL
tCPA
tOEZ
tROH
tRHCP
Symbol
Unit Note
MSM51V4256
A-70
MSM51V4256
A-80
MSM51V4256
A-10
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ms
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
4, 5, 6
4, 5
4, 6
4
4
7
3
5
6
4
7
Min.
130
195
50
105
0
0
3
50
70
70
25
10
25
70
5
20
15
0
10
0
15
55
35
0
10
45
Max.
70
25
40
45
20
50
8
10,000
100,000
10,000
45
30
25
20
Min.
150
215
55
110
0
0
3
60
80
80
25
10
25
80
5
20
15
0
10
0
15
60
40
0
10
50
Max.
80
25
45
50
20
50
8
10,000
100,000
10,000
55
35
25
20
Min.
190
265
60
125
0
0
3
80
100
100
30
10
30
100
5
25
20
0
15
0
20
75
50
0
20
55
Max.
100
30
50
55
25
50
8
10,000
100,000
10,000
70
50
30
25
—ns


Similar Part No. - MSM51V4256A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V4221C OKI-MSM51V4221C Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-30JA OKI-MSM51V4221C-30JA Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-30RA OKI-MSM51V4221C-30RA Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-30RD OKI-MSM51V4221C-30RD Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-40JA OKI-MSM51V4221C-40JA Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
More results

Similar Description - MSM51V4256A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514256C OKI-MSM514256C Datasheet
258Kb / 17P
   262,144-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V1000A OKI-MSM51V1000A Datasheet
213Kb / 15P
   1,048,576-Word 쨈 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260ESL OKI-MSM514260ESL Datasheet
184Kb / 14P
   262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800A OKI-MSM512800A Datasheet
343Kb / 8P
   262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM54V16255A OKI-MSM54V16255A Datasheet
1Mb / 19P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E-60JS OKI-MSM514260E-60JS Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800C OKI-MSM512800C Datasheet
259Kb / 16P
   262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V4265E OKI-MSM51V4265E Datasheet
208Kb / 15P
   262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com