Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM51V4222C-40JA Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM51V4222C-40JA
Description  262,263-Word4-Bit Field Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V4222C-40JA Datasheet(HTML) 2 Page - OKI electronic componets

  MSM51V4222C-40JA Datasheet HTML 1Page - OKI electronic componets MSM51V4222C-40JA Datasheet HTML 2Page - OKI electronic componets MSM51V4222C-40JA Datasheet HTML 3Page - OKI electronic componets MSM51V4222C-40JA Datasheet HTML 4Page - OKI electronic componets MSM51V4222C-40JA Datasheet HTML 5Page - OKI electronic componets MSM51V4222C-40JA Datasheet HTML 6Page - OKI electronic componets MSM51V4222C-40JA Datasheet HTML 7Page - OKI electronic componets MSM51V4222C-40JA Datasheet HTML 8Page - OKI electronic componets MSM51V4222C-40JA Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FEDS51V4222C-03
1Semiconductor
MSM51V4222C
2/16
FEATURES
• Single power supply: 3.3 V ± 0.3 V
• 512 Rows × 512 Column × 4 bits
• Fast FIFO (First-in First-out) operation
• High speed asynchronous serial access
Read/Write cycle time
30 ns/40 ns
Access time
30 ns/35 ns
• Functional compatibility with OKI MSM51V8222A
• Self refresh (No refresh control is required)
• Package options:
16-pin 300 mil plastic DIP
(DIP16-P-300-2.54)
(Product: MSM51V4222C-xxRA)
26/20-pin 300 mil plastic SOJ
(SOJ26/20-P-300-1.27)
(Product: MSM51V4222C-xxJA)
20-pin 400 mil plastic ZIP
(ZIP20-P-400-1.27)
(Product: MSM51V4222C-xxRD)
xx indicates speed rank.
PRODUCT FAMILY
Family
Access Time (Max.)
Cycle Time (Min.)
Package
MSM51V4222C-30RA
30 ns
30 ns
MSM51V4222C-40RA
35 ns
40 ns
300 mil 16-pin DIP
MSM51V4222C-30JA
30 ns
30 ns
MSM51V4222C-40JA
35 ns
40 ns
300 mil 26/20-pin SOJ
MSM51V4222C-30RD
30 ns
30 ns
MSM51V4222C-40RD
35 ns
40 ns
400 mil 20-pin ZIP


Similar Part No. - MSM51V4222C-40JA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V4221C OKI-MSM51V4221C Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-30JA OKI-MSM51V4221C-30JA Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-30RA OKI-MSM51V4221C-30RA Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-30RD OKI-MSM51V4221C-30RD Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-40JA OKI-MSM51V4221C-40JA Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
More results

Similar Description - MSM51V4222C-40JA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V4221C OKI-MSM51V4221C Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4223C OKI-MSM51V4223C Datasheet
200Kb / 15P
   262,263-Word 횞 4-Bit Field Memory
MSM514223B OKI-MSM514223B Datasheet
139Kb / 14P
   262,263-Word x 4-Bit Field Memory
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514222B OKI-MSM514222B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM5424331 OKI-MSM5424331 Datasheet
241Kb / 34P
   222,720-Word 횞 24-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MS81V05200 OKI-MS81V05200 Datasheet
355Kb / 25P
   (583,680-word 횞 10-bit) FIFO memory
logo
Fujitsu Component Limit...
MB82DP04183C FUJITSU-MB82DP04183C Datasheet
289Kb / 33P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com