Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM51V4221C-40RD Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM51V4221C-40RD
Description  262,263-Word4-Bit Field Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V4221C-40RD Datasheet(HTML) 5 Page - OKI electronic componets

  MSM51V4221C-40RD Datasheet HTML 1Page - OKI electronic componets MSM51V4221C-40RD Datasheet HTML 2Page - OKI electronic componets MSM51V4221C-40RD Datasheet HTML 3Page - OKI electronic componets MSM51V4221C-40RD Datasheet HTML 4Page - OKI electronic componets MSM51V4221C-40RD Datasheet HTML 5Page - OKI electronic componets MSM51V4221C-40RD Datasheet HTML 6Page - OKI electronic componets MSM51V4221C-40RD Datasheet HTML 7Page - OKI electronic componets MSM51V4221C-40RD Datasheet HTML 8Page - OKI electronic componets MSM51V4221C-40RD Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FEDS51V4221C-03
1Semiconductor
MSM51V4221C
5/16
OPERATION
Write Operation
The write operation is controlled by three clocks, SWCK, RSTW, and WE. Write operation is accomplished by
cycling SWCK, and holding WE high after the write address pointer reset operation or RSTW.
Each write operation, which begins after RSTW, must contain at least 130 active write cycles, i.e. SWCK cycles
while WE is high. To transfer the last data to the DRAM array, which at that time is stored in the serial data
registers attached to the DRAM array, an RSTW operation is required after the last SWCK cycle.
Write Reset: RSTW
The first positive transition of SWCK after RSTW becomes high resets the write address counters to zero. RSTW
setup and hold times are referenced to the rising edge of SWCK. Because the write reset function is solely
controlled by the SWCK rising edge after the high level of RSTW, the states of WE are ignored in the write reset
cycle.
Before RSTW may be brought high again for a further reset operation, it must be low for at least two SWCK
cycles.
Data Inputs: D
IN0 to 3
Write Clock: SWCK
The SWCK latches the input data on chip when WE is high, and also increments the internal write address pointer.
Data-in setup time t
DS, and hold time tDH are referenced to the rising edge of SWCK.
Write Enable: WE
WE is used for data write enable/disable control. WE high level enables the input, and WE low level disables the
input and holds the internal write address pointer. There are no WE disable time (low) and WE enable time (high)
restrictions, because the MSM51V4221C is in fully static operation as long as the power is on. Note that WE setup
and hold times are referenced to the rising edge of SWCK.


Similar Part No. - MSM51V4221C-40RD

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V4222C OKI-MSM51V4222C Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4222C-30JA OKI-MSM51V4222C-30JA Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4222C-30RA OKI-MSM51V4222C-30RA Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4222C-30RD OKI-MSM51V4222C-30RD Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4222C-40JA OKI-MSM51V4222C-40JA Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
More results

Similar Description - MSM51V4221C-40RD

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V4222C OKI-MSM51V4222C Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4223C OKI-MSM51V4223C Datasheet
200Kb / 15P
   262,263-Word 횞 4-Bit Field Memory
MSM514223B OKI-MSM514223B Datasheet
139Kb / 14P
   262,263-Word x 4-Bit Field Memory
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514222B OKI-MSM514222B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM5424331 OKI-MSM5424331 Datasheet
241Kb / 34P
   222,720-Word 횞 24-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MS81V05200 OKI-MS81V05200 Datasheet
355Kb / 25P
   (583,680-word 횞 10-bit) FIFO memory
logo
Fujitsu Component Limit...
MB82DP04183C FUJITSU-MB82DP04183C Datasheet
289Kb / 33P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com