Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC23840D Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSC23840D
Description  8,388,608-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23840D Datasheet(HTML) 8 Page - OKI electronic componets

  MSC23840D Datasheet HTML 1Page - OKI electronic componets MSC23840D Datasheet HTML 2Page - OKI electronic componets MSC23840D Datasheet HTML 3Page - OKI electronic componets MSC23840D Datasheet HTML 4Page - OKI electronic componets MSC23840D Datasheet HTML 5Page - OKI electronic componets MSC23840D Datasheet HTML 6Page - OKI electronic componets MSC23840D Datasheet HTML 7Page - OKI electronic componets MSC23840D Datasheet HTML 8Page - OKI electronic componets MSC23840D Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor
MSC23840D
8/9
AC Characteristics (2/2)
(VCC = 5V ±10%, Ta = 0°C to 70°C) Note: 1, 2, 3, 11, 12
-60
-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Write Command Set-up Time
tWCS
0
0
ns
9
Write Command Hold Time
tWCH
10
10
ns
Write Command Pulse Width
tWP
10
10
ns
/OE Command Hold Time
tOEH
15
20
ns
Write Command to /RAS Lead Time
tRWL
15
20
ns
Write Command to /CAS Lead Time
tCWL
15
20
ns
Data-in Set-up Time
tDS
0
0
ns
10
Data-in Hold Time
tDH
10
15
ns
10
/OE to Data-in Delay Time
tOED
15
20
ns
/CAS to /WE Delay Time
tCWD
40
45
ns
9
Column Address to /WE Delay Time
tAWD
55
60
ns
9
/RAS to /WE Delay Time
tRWD
85
95
ns
9
/CAS Precharge /WE Delay Time
tCPWD
60
70
ns
9
/CAS Active Delay Time from /RAS Precharge
tRPC
5
5
ns
/RAS to /CAS Set-up Time (/CAS before /RAS)
tCSR
10
10
ns
/RAS to /CAS Hold Time (/CAS before /RAS)
tCHR
10
10
ns
/WE to /RAS Precharge Time (/CAS before /RAS)
tWRP
10
10
ns
/WE Hold Time from /RAS (/CAS before /RAS)
tWRH
10
10
ns
/RAS to /WE Set-up Time (Test Mode)
tWTS
10
10
ns
/RAS to /WE Hold Time (Test Mode)
tWTH
10
10
ns


Similar Part No. - MSC23840D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23841D OKI-MSC23841D Datasheet
90Kb / 9P
   8,388,608-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23841D-60BS20 OKI-MSC23841D-60BS20 Datasheet
90Kb / 9P
   8,388,608-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23841D-60DS20 OKI-MSC23841D-60DS20 Datasheet
90Kb / 9P
   8,388,608-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23841D-70BS20 OKI-MSC23841D-70BS20 Datasheet
90Kb / 9P
   8,388,608-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23841D-70DS20 OKI-MSC23841D-70DS20 Datasheet
90Kb / 9P
   8,388,608-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results

Similar Description - MSC23840D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23841D-XXBS20 OKI-MSC23841D-XXBS20 Datasheet
90Kb / 9P
   8,388,608-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23837D-XXBS18 OKI-MSC23837D-XXBS18 Datasheet
89Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23836D OKI-MSC23836D Datasheet
52Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23832D OKI-MSC23832D Datasheet
49Kb / 9P
   8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23836C OKI-MSC23836C Datasheet
51Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23Q836D-XXBS18 OKI-MSC23Q836D-XXBS18 Datasheet
82Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23836B OKI-MSC23836B Datasheet
234Kb / 9P
   8,388,608 Word By 36 Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC2383657D-XXBS20 OKI-MSC2383657D-XXBS20 Datasheet
88Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257D OKI-MSC2383257D Datasheet
50Kb / 9P
   8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23Q83657D-XXBS18 OKI-MSC23Q83657D-XXBS18 Datasheet
82Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com