Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC2343657D-XXBS10 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSC2343657D-XXBS10
Description  4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC2343657D-XXBS10 Datasheet(HTML) 7 Page - OKI electronic componets

  MSC2343657D-XXBS10 Datasheet HTML 1Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 2Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 3Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 4Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 5Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 6Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 7Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 8Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Semiconductor
MSC2343657D
AC CHARACTERISTICS (1/2)
(VCC = 5V ± 10%, Ta = 0°C to +70°C ) Note: 1, 2, 3, 10, 11
MSC2343657D
-60BS10/DS10
MSC2343657D
-70BS10/DS10
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Random Read or Write Cycle Time
tRC
110
-
130
-
ns
Fast Page Mode Cycle Time
tHPC
25
-
30
-
ns
Access Time from /RAS
tRAC
-
60
-
70
ns
4, 5, 6
Access Time from /CAS
tCAC
-
15
-
20
ns
4, 5
Access Time from Column Address
tAA
-
30
-
35
ns
4, 6
Access Time from /CAS Precharge
tCPA
-
35
-
40
ns
4
Output Low Impedance Time from /CAS
tCLZ
0-
0-
ns
4
Data Output Hold After /CAS Low
tDOH
5-
5-
ns
/CAS to Data Output Buffer Turn-off Delay Time
tCEZ
0
15
0
15
ns
7, 8
/RAS to Data Output Buffer Turn-off Delay Time
tREZ
0
15
0
15
ns
7, 8
/WE to Data Output Buffer Turn-off Delay Time
tWEZ
0
15
0
15
ns
7
Transition Time
tT
2
50
2
50
ns
3
Refresh Period
tREF
-32
-
32
ms
/RAS Precharge Time
tRP
40
-
50
-
ns
/RAS Pulse Width
tRAS
60
10K
70
10K
ns
/RAS Pulse Width (Fast Page Mode with EDO)
tRASP
60
100K
70
100K
ns
/RAS Hold Time
tRSH
15
-
20
-
ns
/CAS Precharge Time (Fast Page Mode with EDO)
tCP
10
-
10
-
ns
/CAS Pulse Width
tCAS
10
10K
13
10K
ns
/CAS Hold Time
tCSH
40
-
45
-
ns
/CAS to /RAS Precharge Time
tCRP
10
-
10
-
ns
/RAS Hold Time from /CAS Precharge
tRHCP
35
-
40
-
ns
/RAS to /CAS Delay Time
tRCD
20
45
20
50
ns
5
/RAS to Column Address Delay Time
tRAD
15
30
15
35
ns
6
Row Address Set-up Time
tASR
0-
0-
ns
Row Address Hold Time
tRAH
10
-
13
-
ns
Column Address Set-up Time
tASC
0-
0-
ns
Column Address Hold Time
tCAH
10
-
15
-
ns
Column Address to /RAS Lead Time
tRAL
30
-
35
-
ns
Read Command Set-up Time
tRCS
0-
0-
ns
Read Command Hold Time
tRCH
0-
0-
ns
9
Read Command Hold Time referenced to /RAS
tRRH
0-
0-
ns
9


Similar Part No. - MSC2343657D-XXBS10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23436A OKI-MSC23436A Datasheet
556Kb / 8P
   4,194,304-Word x 36-Bit DRAM MODULE : FAST PAGE TYPE
MSC23436A-XXBS12 OKI-MSC23436A-XXBS12 Datasheet
556Kb / 8P
   4,194,304-Word x 36-Bit DRAM MODULE : FAST PAGE TYPE
MSC23436A-XXDS12 OKI-MSC23436A-XXDS12 Datasheet
556Kb / 8P
   4,194,304-Word x 36-Bit DRAM MODULE : FAST PAGE TYPE
MSC23436B OKI-MSC23436B Datasheet
218Kb / 9P
   4,194,304 Word By 36-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23436B-XXBS10 OKI-MSC23436B-XXBS10 Datasheet
218Kb / 9P
   4,194,304 Word By 36-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results

Similar Description - MSC2343657D-XXBS10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23Q43657D-XXBS9 OKI-MSC23Q43657D-XXBS9 Datasheet
80Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23436D OKI-MSC23436D Datasheet
47Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V47257TD-XXBS18 OKI-MSC23V47257TD-XXBS18 Datasheet
94Kb / 10P
   4,194,304-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23436C OKI-MSC23436C Datasheet
46Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23Q436D-XXBS9 OKI-MSC23Q436D-XXBS9 Datasheet
79Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23437D-XXBS9 OKI-MSC23437D-XXBS9 Datasheet
86Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V43257D OKI-MSC23V43257D Datasheet
53Kb / 10P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257D-XXBS8 OKI-MSC23CV43257D-XXBS8 Datasheet
83Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V46457TD-XXBS16 OKI-MSC23V46457TD-XXBS16 Datasheet
93Kb / 10P
   4,194,304-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com