Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC23441D-60DS10 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSC23441D-60DS10
Description  4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23441D-60DS10 Datasheet(HTML) 6 Page - OKI electronic componets

  MSC23441D-60DS10 Datasheet HTML 1Page - OKI electronic componets MSC23441D-60DS10 Datasheet HTML 2Page - OKI electronic componets MSC23441D-60DS10 Datasheet HTML 3Page - OKI electronic componets MSC23441D-60DS10 Datasheet HTML 4Page - OKI electronic componets MSC23441D-60DS10 Datasheet HTML 5Page - OKI electronic componets MSC23441D-60DS10 Datasheet HTML 6Page - OKI electronic componets MSC23441D-60DS10 Datasheet HTML 7Page - OKI electronic componets MSC23441D-60DS10 Datasheet HTML 8Page - OKI electronic componets MSC23441D-60DS10 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor
MSC23441D
6/9
DC Characteristics
(VCC = 5V ±10%, Ta = 0°C to 70°C)
-60
-70
Parameter
Symbol
Condition
Min.
Max.
Min.
Max.
Unit
Note
Output High Voltage
VOH
IOH =
−5.0mA
2.4
VCC
2.4
VCC
V
Output Low Voltage
VOL
IOL = 4.2mA
0
0.4
0
0.4
V
Input Leakage Current
ILI
0V
≤ VIN ≤ 6.5V;
All other pins not
under test = 0V
−100
100
−100
100
µA
Output Leakage Current
ILO
DQ disable
0V
≤ VOUT ≤ VCC
−10
10
−10
10
µA
Average Power
Supply Current
(Operating)
ICC1
/RAS, /CAS cycling,
tRC = Min.
700
650
mA
1, 2
/RAS, /CAS = VIH
20
20
Power supply current
(Standby)
ICC2
/RAS, /CAS
≥ VCC − 0.2V
10
10
mA
1
Average Power
Supply Current
(/RAS only refresh)
ICC3
/RAS cycling,
/CAS = VIH,
tRC = Min.
700
650
mA
1, 2
Average Power
Supply Current
(/CAS before /RAS refresh)
ICC6
/RAS cycling,
/CAS before /RAS
700
650
mA
1, 2
Average Power
Supply Current
(Fast Page Mode)
ICC7
/RAS = VIL,
/CAS cycling,
tPC = Min.
650
600
mA
1, 3
Notes: 1. ICC Max. is specified as ICC for output open condition.
2. The address can be changed once or less while /RAS = VIL.
3. The address can be changed once or less while /CAS = VIH.


Similar Part No. - MSC23441D-60DS10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23440D OKI-MSC23440D Datasheet
87Kb / 9P
   4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23440D-60BS10 OKI-MSC23440D-60BS10 Datasheet
87Kb / 9P
   4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23440D-60DS10 OKI-MSC23440D-60DS10 Datasheet
87Kb / 9P
   4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23440D-70BS10 OKI-MSC23440D-70BS10 Datasheet
87Kb / 9P
   4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23440D-70DS10 OKI-MSC23440D-70DS10 Datasheet
87Kb / 9P
   4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results

Similar Description - MSC23441D-60DS10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23440D-XXBS10 OKI-MSC23440D-XXBS10 Datasheet
87Kb / 9P
   4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23436D OKI-MSC23436D Datasheet
47Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23432D OKI-MSC23432D Datasheet
45Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23436C OKI-MSC23436C Datasheet
46Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23Q436D-XXBS9 OKI-MSC23Q436D-XXBS9 Datasheet
79Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V47207TD-XXBS18 OKI-MSC23V47207TD-XXBS18 Datasheet
92Kb / 10P
   4,194,304-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV432D-XXBS8 OKI-MSC23CV432D-XXBS8 Datasheet
82Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V46407TD-XXBS16 OKI-MSC23V46407TD-XXBS16 Datasheet
92Kb / 10P
   4,194,304-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23437D-XXBS9 OKI-MSC23437D-XXBS9 Datasheet
86Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com