Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC23240D-70BS20 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSC23240D-70BS20
Description  2,097,152-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23240D-70BS20 Datasheet(HTML) 7 Page - OKI electronic componets

  MSC23240D-70BS20 Datasheet HTML 1Page - OKI electronic componets MSC23240D-70BS20 Datasheet HTML 2Page - OKI electronic componets MSC23240D-70BS20 Datasheet HTML 3Page - OKI electronic componets MSC23240D-70BS20 Datasheet HTML 4Page - OKI electronic componets MSC23240D-70BS20 Datasheet HTML 5Page - OKI electronic componets MSC23240D-70BS20 Datasheet HTML 6Page - OKI electronic componets MSC23240D-70BS20 Datasheet HTML 7Page - OKI electronic componets MSC23240D-70BS20 Datasheet HTML 8Page - OKI electronic componets MSC23240D-70BS20 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Semiconductor
MSC23240D
AC Characteristics (1/2)
(VCC = 5V ± 10%, Ta = 0°C to +70°C ) Note: 1, 2, 3, 11, 12
MSC23240D
-60BS20/DS20
MSC23240D
-70BS20/DS20
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Random Read or Write Cycle Time
tRC
110
-
130
-
ns
Read Modify Write Cycle Time
tRWC
150
-
180
-
ns
Fast Page Mode Cycle Time
tPC
40
-
45
-
ns
Fast Page Mode Read Modify Write Cycle Time
tPRWC
80
-
95
-
ns
Access Time from /RAS
tRAC
-
60
-
70
ns
4, 5, 6
Access Time from /CAS
tCAC
-
15
-
20
ns
4, 5
Access Time from Column Address
tAA
-
30
-
35
ns
4, 6
Access Time from /CAS Precharge
tCPA
-
35
-
40
ns
4
Access Time from /OE
tOEA
-
15
-
20
ns
4
Output Low Impedance Time from /CAS
tCLZ
0-
0-
ns
4
/CAS to Data Output Buffer Turn-off Delay Time
tOFF
0
15
0
20
ns
7
/OE to Data Output Buffer Turn-off Delay Time
tOEZ
0
15
0
20
ns
7
Transition Time
tT
3
50
3
50
ns
3
Refresh Period
tREF
-16
-
16
ms
/RAS Precharge Time
tRP
40
-
50
-
ns
/RAS Pulse Width
tRAS
60
10K
70
10K
ns
/RAS Pulse Width (Fast Page Mode)
tRASP
60
100K
70
100K
ns
/RAS Hold Time
tRSH
15
-
20
-
ns
/RAS Hold Time referenced to /OE
tROH
15
-
20
-
ns
/CAS Precharge Time (Fast Page Mode)
tCP
10
-
10
-
ns
/CAS Pulse Width
tCAS
15
10K
20
10K
ns
/CAS Hold Time
tCSH
60
-
70
-
ns
/CAS to /RAS Precharge Time
tCRP
5-
5-
ns
/RAS Hold Time from /CAS Precharge
tRHCP
35
-
40
-
ns
/RAS to /CAS Delay Time
tRCD
20
45
20
50
ns
5
/RAS to Column Address Delay Time
tRAD
15
30
15
35
ns
6
Row Address Set-up Time
tASR
0-
0-
ns
Row Address Hold Time
tRAH
10
-
10
-
ns
Column Address Set-up Time
tASC
0-
0-
ns
Column Address Hold Time
tCAH
15
-
15
-
ns
Column Address Hold Time from /RAS
tAR
50
-
55
-
ns
Column Address to /RAS Lead Time
tRAL
30
-
35
-
ns


Similar Part No. - MSC23240D-70BS20

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258A-XXBS4 OKI-MSC2323258A-XXBS4 Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258A-XXDS4 OKI-MSC2323258A-XXDS4 Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258D-XXBS4 OKI-MSC2323258D-XXBS4 Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC23240D-70BS20

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23B236D OKI-MSC23B236D Datasheet
46Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23218D-XXBS4 OKI-MSC23CV23218D-XXBS4 Datasheet
79Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26418TD-XXBS8 OKI-MSC23V26418TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B2321D OKI-MSC23B2321D Datasheet
43Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V27207TD-XXBS9 OKI-MSC23V27207TD-XXBS9 Datasheet
92Kb / 10P
   2,097,152-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23232D-XXBS16 OKI-MSC23232D-XXBS16 Datasheet
82Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV232D-XXBS4 OKI-MSC23CV232D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26407TD-XXBS8 OKI-MSC23V26407TD-XXBS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23236D OKI-MSC23236D Datasheet
89Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23237D-XXBS18 OKI-MSC23237D-XXBS18 Datasheet
89Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com