Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC23236DL-XXDS20 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSC23236DL-XXDS20
Description  2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23236DL-XXDS20 Datasheet(HTML) 9 Page - OKI electronic componets

  MSC23236DL-XXDS20 Datasheet HTML 1Page - OKI electronic componets MSC23236DL-XXDS20 Datasheet HTML 2Page - OKI electronic componets MSC23236DL-XXDS20 Datasheet HTML 3Page - OKI electronic componets MSC23236DL-XXDS20 Datasheet HTML 4Page - OKI electronic componets MSC23236DL-XXDS20 Datasheet HTML 5Page - OKI electronic componets MSC23236DL-XXDS20 Datasheet HTML 6Page - OKI electronic componets MSC23236DL-XXDS20 Datasheet HTML 7Page - OKI electronic componets MSC23236DL-XXDS20 Datasheet HTML 8Page - OKI electronic componets MSC23236DL-XXDS20 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Semiconductor
MSC23236D/DL
Notes: 1. A start-up delay of 200µs is required after power-up, followed by a minimum of eight initialization cycles
(/RAS only refresh or /CAS before /RAS refresh) before proper device operation is achieved.
2. The AC characteristics assumes tT = 5ns.
3. VIH(Min.) and VIL(Max.) are reference levels for measuring input timing signals. Transition time (tT) are
measured between VIH and VIL.
4. This parameter is measured with a load circuit equivalent to 2TTL loads and 100pF.
5. Operation within the tRCD(Max.) limit ensures that tRAC(Max.) can be met.
tRCD(Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD(Max.) limit, then
the access time is controlled by tCAC.
6. Operation within the tRAD(Max.) limit ensures that tRAC(Max.) can be met.
tRAD(Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD(Max.) limit, then
the access time is controlled by tAA.
7. tOFF(Max.) define the time at which the output achieves the open circuit condition and are not referenced
to output voltage levels.
8. tRCH or tRRH must be satisfied for a read cycle.
9. The test mode is initiated by performing a /WE and /CAS before /RAS refresh cycle. This mode is
latched and remains in effect until the exit cycle is generated. The test mode specified in this data sheet
is a 2-bit parallel test function. CA0 is not used. In a read cycle, if all internal bits are equal, the DQ pin
will indicate a high level. If any internal bits are not equal, the DQ pin will indicate a low level.
The test mode is cleared and the memory device returned to its normal operating state by a /RAS only
refresh or /CAS before /RAS refresh cycle.
10. In a test mode read cycle, the value of access time parameters is delayed for 5ns for the specified value.
These parameters should be specified in test mode cycle by adding the above value to the specified
value in this data sheet.


Similar Part No. - MSC23236DL-XXDS20

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23236C OKI-MSC23236C Datasheet
626Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23236CL-XXBC20 OKI-MSC23236CL-XXBC20 Datasheet
626Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23236CL-XXDS20 OKI-MSC23236CL-XXDS20 Datasheet
626Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
More results

Similar Description - MSC23236DL-XXDS20

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23B236D OKI-MSC23B236D Datasheet
46Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23237D-XXBS18 OKI-MSC23237D-XXBS18 Datasheet
89Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23240D-XXBS20 OKI-MSC23240D-XXBS20 Datasheet
91Kb / 9P
   2,097,152-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23218D-XXBS4 OKI-MSC23CV23218D-XXBS4 Datasheet
79Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26418TD-XXBS8 OKI-MSC23V26418TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B2321D OKI-MSC23B2321D Datasheet
43Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V27207TD-XXBS9 OKI-MSC23V27207TD-XXBS9 Datasheet
92Kb / 10P
   2,097,152-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23232D-XXBS16 OKI-MSC23232D-XXBS16 Datasheet
82Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV232D-XXBS4 OKI-MSC23CV232D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26407TD-XXBS8 OKI-MSC23V26407TD-XXBS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com