Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSH41FC-XPAN2 Datasheet(PDF) 1 Page - Winson Semiconductor Corp.

Part # WSH41FC-XPAN2
Description  Hall Effect Sensor IC with Complementary Output Drivers and Frequency Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH41FC-XPAN2 Datasheet(HTML) 1 Page - Winson Semiconductor Corp.

  WSH41FC-XPAN2 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH41FC-XPAN2 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH41FC-XPAN2 Datasheet HTML 3Page - Winson Semiconductor Corp. WSH41FC-XPAN2 Datasheet HTML 4Page - Winson Semiconductor Corp. WSH41FC-XPAN2 Datasheet HTML 5Page - Winson Semiconductor Corp. WSH41FC-XPAN2 Datasheet HTML 6Page - Winson Semiconductor Corp. WSH41FC-XPAN2 Datasheet HTML 7Page - Winson Semiconductor Corp. WSH41FC-XPAN2 Datasheet HTML 8Page - Winson Semiconductor Corp. WSH41FC-XPAN2 Datasheet HTML 9Page - Winson Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
WSH41FC
Winson reserves the right to make changes to improve reliability or manufacturability.
Hall Effect Sensor IC with Complementary Output
Drivers and Frequency Generator
Features:
Operate from 2.8V to 20V supply voltage.
On-chip Hall sensor.
Internal bandgap regulator allows temperature compensated operations and a
wide operating voltage range.
High output sinking capability up to 400mA for driving large load.
Lower current change rate reduces the peak output voltages during switching.
Available in rugged low profile SOT-25 , SIP-4L,SIP-5L packages.
Built-in FG output.
Built-in protection diode for reverse power supply fault.
General Description:
WSH41FC is designed to integrate Hall sensor with complementary output
drivers and frequency generator together on the same chip, it is suitable for speed
measurement, revolution counting, positioning, and DC brushless motors. It includes
a temperature compensated voltage regulator, a differential amplifier, a Hysteresis
controller, two open-collector output drivers capable of sinking 400mA current load
and an open-collector frequency generator capable of sinking 10mA current load. An
on-chip protection diode is implemented to prevent reverse power fault.
The temperature-dependent bias increases the supply voltage of the hall plates
and adjusts the switching points to the decreasing induction of magnets at higher
temperatures. Subsequently, the open collector output switches to the appropriate state.
WSH41FC are rated for operation over temperature range from –20˚ C to125˚C and
voltage ranges from 2.8V to 20V.
In SOT-25 package, the built-in FG function can save fan system a lot of cost. It is a
very economical solution when fan system need FG signal.
©Winson, 2003 Jan


Similar Part No. - WSH41FC-XPAN2

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH41FC WINSON-WSH41FC Datasheet
188Kb / 8P
   Hall Effect Sensor IC with Complementary Output Drivers and Frequency Generator
logo
DIWELL Electronics Co.,...
WSH41FC DIWELL-WSH41FC Datasheet
181Kb / 8P
   Hall Effect Sensor IC with Complementary Output Drivers and Frequency Generator
2003 Jan
logo
Winson Semiconductor Co...
WSH41FC WINSON-WSH41FC_15 Datasheet
188Kb / 8P
   Hall Effect Sensor IC with Complementary Output Drivers and Frequency Generator
More results

Similar Description - WSH41FC-XPAN2

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH41FC WINSON-WSH41FC_15 Datasheet
188Kb / 8P
   Hall Effect Sensor IC with Complementary Output Drivers and Frequency Generator
logo
DIWELL Electronics Co.,...
WSH41FC DIWELL-WSH41FC Datasheet
181Kb / 8P
   Hall Effect Sensor IC with Complementary Output Drivers and Frequency Generator
2003 Jan
logo
Winson Semiconductor Co...
WSH410 WINSON-WSH410 Datasheet
146Kb / 7P
   Hall Effect Sensor IC with Complementary Output Drivers and Frequency Generator
WSH41F WINSON-WSH41F Datasheet
260Kb / 7P
   Hall Effect Sensor IC with Complementary Output Drivers
WSH520 WINSON-WSH520 Datasheet
241Kb / 6P
   Low voltage Single Coil Hall Effect IC with Complementary Output Drivers
logo
GTM CORPORATION
G266 GTM-G266 Datasheet
214Kb / 5P
   Complementary Output Hall Effect Latched Sink Driver IC
logo
Cystech Electonics Corp...
CSH266A4 CYSTEKEC-CSH266A4 Datasheet
221Kb / 6P
   Complementary Output Hall Effect Latched Sink Driver IC
logo
Winson Semiconductor Co...
WSH415 WINSON-WSH415_15 Datasheet
276Kb / 4P
   Hall Effect IC with Two complementary Outputs
logo
GTM CORPORATION
G276P GTM-G276P Datasheet
223Kb / 5P
   Complementary Output Hall Effect Latched Sink Driver IC
logo
Cystech Electonics Corp...
CSH276PA4 CYSTEKEC-CSH276PA4 Datasheet
299Kb / 7P
   Complementary Output Hall Effect Latched Sink Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com