Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W28F641TT80L Datasheet(PDF) 10 Page - Winbond

Part # W28F641TT80L
Description  64MBIT (4MBIT16) PAGE MODE DUAL WORK FLASH MEMORY
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W28F641TT80L Datasheet(HTML) 10 Page - Winbond

Back Button W28F641TT80L Datasheet HTML 6Page - Winbond W28F641TT80L Datasheet HTML 7Page - Winbond W28F641TT80L Datasheet HTML 8Page - Winbond W28F641TT80L Datasheet HTML 9Page - Winbond W28F641TT80L Datasheet HTML 10Page - Winbond W28F641TT80L Datasheet HTML 11Page - Winbond W28F641TT80L Datasheet HTML 12Page - Winbond W28F641TT80L Datasheet HTML 13Page - Winbond W28F641TT80L Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
W28F641B/T
Table 6. Command Definitions(11)
FIRST BUS CYCLE
SECOND BUS CYCLE
COMMAND
BUS
CYCLES
REQ’D.
NOTE
Oper(1) Addr(2)
Data
Oper(1) Addr(2)
Data(3)
Read Array
1
Write
PA
FFH
Read Identifier Codes/OTP
≥ 2
4
Write
PA
90H
Read
IA or OA ID or OD
Read Query
≥ 2
4
Write
PA
98H
Read
QA
QD
Read Status Register
2
Write
PA
70H
Read
PA
SRD
Clear Status Register
1
Write
PA
50H
Block Erase
2
5
Write
BA
20H
Write
BA
D0H
Full Chip Erase
2
5, 9
Write
X
30H
Write
X
D0H
Program
2
5, 6
Write
WA
40H or
10H
Write
WA
WD
Page Buffer Program
≥ 4
5, 7
Write
WA
E8H
Write
WA
N-1
Block Erase and (Page Buffer)
Program Suspend
1
8, 9
Write
PA
B0H
Block Erase and (Page Buffer)
Program Resume
1
8, 9
Write
PA
D0H
Set Block Lock Bit
2
Write
BA
60H
Write
BA
01H
Clear Block Lock Bit
2
10
Write
BA
60H
Write
BA
D0H
Set Block Lock-down Bit
2
Write
BA
60H
Write
BA
2FH
OTP Program
2
9
Write
OA
C0H
Write
OA
OD
Set Partition configuration
Register
2
Write
PCRC
60H
Write
PCRC
04H
Notes:
1. Bus operations are defined in Table 5.
2. All address which is written at the first bus cycle should be the same as the address which is written at the second bus cycle.
X = Any valid address within the device.
PA = Address within the selected partition.
IA = Identifier codes address (See Table 3 and Table 4).
QA = Query codes address. Refer to Appendix for details.
BA = Address within the block being erased, set/cleared block lock bit or set block lock-down bit.
WA = Address of memory location for the Program command or the first address for the Page Buffer Program command.
OA = Address of OTP block to be read or programmed (See Figure 3).
PCRC = Partition configuration register code presented on the address A0
− A15.
3. ID = Data read from identifier codes. (See Table 3 and Table 4).
QD = Data read from query database. Refer to Appendix for details.
SRD = Data read from status register. See Table 10 and Table 11 for a description of the status register bits.
WD = Data to be programmed at location WA. Data is latched on the rising edge of #WE or #CE (whichever goes high first)
during command write cycles.
OD = Data within OTP block. Data is latched on the rising edge of #WE or #CE (whichever goes high first) during command
write cycles.
N-1 = N is the number of the words to be loaded into a page buffer.
4. Following the Read Identifier Codes/OTP command, read operations access manufacturer code, device code, block lock
configuration code, partition configuration register code and the data within OTP block (See Table 3 and Table 4). The Read
Query command is available for reading CFI (Common Flash Interface) information.
5. Block erase, full chip erase or (page buffer) program cannot be executed when the selected block is locked. Unlocked block
can be erased or programmed when #RESET is VIH.
6. Either 40H or 10H are recognized by the CUI (Command User Interface) as the program setup.
- 10 -


Similar Part No. - W28F641TT80L

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
W28 TEC-W28 Datasheet
426Kb / 2P
   Approved to many international standards
logo
List of Unclassifed Man...
W28-6H ETC2-W28-6H Datasheet
4Mb / 1P
   AWG 28 TEFZEL WIRE
logo
Tyco Electronics
W28-X1024-3.20 MACOM-W28-X1024-3.20 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
W28-XQ1A-0.25 MACOM-W28-XQ1A-0.25 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
logo
TE Connectivity Ltd
W28-XQ1A-0.25 TEC-W28-XQ1A-0.25 Datasheet
426Kb / 2P
   Approved to many international standards
More results

Similar Description - W28F641TT80L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F640SPHT-PTL12 SHARP-LH28F640SPHT-PTL12 Datasheet
1Mb / 45P
   64Mbit (4Mbitx16/8Mbitx8) Page Flash Memory
LHF04C10 SHARP-LHF04C10 Datasheet
3Mb / 48P
   4Mbit Flash Memory
LH28F400SUN SHARP-LH28F400SUN Datasheet
2Mb / 43P
   4Mbit(512Kbit x 8,256Kbit x 16) 3.3V Flash Memory
logo
STMicroelectronics
M76DW63000A STMICROELECTRONICS-M76DW63000A Datasheet
404Kb / 27P
   64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 8Mbit/4Mbit SRAM, 3V Supply, Multiple Memory Product
logo
Sharp Corporation
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LH28F016SU SHARP-LH28F016SU Datasheet
326Kb / 37P
   16M (1M 횞 16, 2M 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LHF16KA3 SHARP-LHF16KA3 Datasheet
2Mb / 58P
   Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA4 SHARP-LHF16KA4 Datasheet
3Mb / 52P
   Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA9 SHARP-LHF16KA9 Datasheet
3Mb / 52P
   Flash Memory 16M (2MB 횞 8/1MB 횞 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com