Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7354SC Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # AN7354SC
Description  Dolby B/C-type Noise Reduction
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7354SC Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button AN7354SC Datasheet HTML 4Page - Panasonic Semiconductor AN7354SC Datasheet HTML 5Page - Panasonic Semiconductor AN7354SC Datasheet HTML 6Page - Panasonic Semiconductor AN7354SC Datasheet HTML 7Page - Panasonic Semiconductor AN7354SC Datasheet HTML 8Page - Panasonic Semiconductor AN7354SC Datasheet HTML 9Page - Panasonic Semiconductor AN7354SC Datasheet HTML 10Page - Panasonic Semiconductor AN7354SC Datasheet HTML 11Page - Panasonic Semiconductor AN7354SC Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ICs for Cassette, Cassette Deck
AN7354SC
VCC
–VCC
30
VCC
31
–VCC
VCC
–VCC
Equivalent Circuit
Pin Description
Pin No.
Pin Name
Input Impedance
Pin Voltage
18
25
RECT H
–5.45V
HLS control signal
smoothing pin
21
22
REC. OUT
56
neutral GND
Record output pin
20
23
RECT–L
–5.45V
LLS control signal
smoothing pin
19
24
VCR L
Neutral GND
LLS
side chain
control resistor pin
17
26
VCR H
Neutral GND
HLS
side chain
control resistor pin
VCC
–VCC
30
56
VCC
30
–VCC
s Pin Description (Cont.)


Similar Part No. - AN7354SC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7352 PANASONIC-AN7352 Datasheet
49Kb / 3P
   Playback Pre-amplifier for Stereo Cassette Deck
AN7352S PANASONIC-AN7352S Datasheet
49Kb / 3P
   Playback Pre-amplifier for Stereo Cassette Deck
AN7353S PANASONIC-AN7353S Datasheet
46Kb / 3P
   Record Equalizer Amp. for Stereo Cassette Deck
AN7356 PANASONIC-AN7356 Datasheet
144Kb / 16P
   Recording and playback equalizer amp. IC for Hi-Fi cassette deck
AN7356NSC PANASONIC-AN7356NSC Datasheet
144Kb / 16P
   Recording and playback equalizer amp. IC for Hi-Fi cassette deck
More results

Similar Description - AN7354SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
logo
Panasonic Semiconductor
AN7374K PANASONIC-AN7374K Datasheet
100Kb / 8P
   Dolby B/C Type Noise Reduction IC
logo
Sony Corporation
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2065A NJRC-NJM2065A Datasheet
132Kb / 3P
   DOLBY B-C TYPE NOISE REDUCTION PROCESSOR?
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1112 NSC-LM1112 Datasheet
203Kb / 6P
   DOLBY B-TYPE NOISE REDUCTION PROCESSOR
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
logo
New Japan Radio
NJM2063A NJRC-NJM2063A Datasheet
116Kb / 2P
   DOLBY B-TYPE NOISE REDUCTION PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com