Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC23V26418TD Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSC23V26418TD
Description  2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23V26418TD Datasheet(HTML) 1 Page - OKI electronic componets

  MSC23V26418TD Datasheet HTML 1Page - OKI electronic componets MSC23V26418TD Datasheet HTML 2Page - OKI electronic componets MSC23V26418TD Datasheet HTML 3Page - OKI electronic componets MSC23V26418TD Datasheet HTML 4Page - OKI electronic componets MSC23V26418TD Datasheet HTML 5Page - OKI electronic componets MSC23V26418TD Datasheet HTML 6Page - OKI electronic componets MSC23V26418TD Datasheet HTML 7Page - OKI electronic componets MSC23V26418TD Datasheet HTML 8Page - OKI electronic componets MSC23V26418TD Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Semiconductor
MSC23V26418TD-xxBS8
2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
This version: Apr.26. 1999
DESCRIPTION
The MSC23V26418TD-xxBS8 is a 2,097,152-word x 64-bit CMOS dynamic random access memory module which
is composed of eight 16Mb(1Mx16) DRAMs in TSOP packages mounted with eight decoupling capacitors. This is an
168-pin dual in-line memory module. This module supports any application where high density and large capacity of
storage memory are required.
FEATURES
· 2,097,152-word x 64-bit organization
· 168-pin Dual In-line Memory Module
· Gold tab
· Single 3.3V power supply, ±0.3V tolerance
· Input
: LVTTL compatible
· Output
: LVTTL compatible, 3-state
· Refresh
: 1024cycles/ 16ms
· /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability
· Fast page mode, read modify write capability
· Serial Presence Detect
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation (Max.)
Family
tRAC
tAA
tCAC
tOEA
Cycle
Time
(Min.)
Operating
Standby
MSC23V26418TD-50BS8
50ns
25ns
13ns
13ns
90ns
1872mW
MSC23V26418TD-60BS8
60ns
30ns
15ns
15ns
110ns
1728mW
MSC23V26418TD-70BS8
70ns
35ns
20ns
20ns
130ns
1584mW
14.4mW


Similar Part No. - MSC23V26418TD

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V26407TD OKI-MSC23V26407TD Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26407TD-50BS8 OKI-MSC23V26407TD-50BS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26407TD-60BS8 OKI-MSC23V26407TD-60BS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26407TD-70BS8 OKI-MSC23V26407TD-70BS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26407TD-XXBS8 OKI-MSC23V26407TD-XXBS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results

Similar Description - MSC23V26418TD

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V26407TD-XXBS8 OKI-MSC23V26407TD-XXBS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV26457D-XXBS8 OKI-MSC23CV26457D-XXBS8 Datasheet
92Kb / 10P
   2,097,152-word x 64-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-XXBS8 OKI-MSC23V26457TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26468TD-XXBS8 OKI-MSC23V26468TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23240D-XXBS20 OKI-MSC23240D-XXBS20 Datasheet
91Kb / 9P
   2,097,152-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B236D OKI-MSC23B236D Datasheet
46Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23218D-XXBS4 OKI-MSC23CV23218D-XXBS4 Datasheet
79Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B2321D OKI-MSC23B2321D Datasheet
43Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V27207TD-XXBS9 OKI-MSC23V27207TD-XXBS9 Datasheet
92Kb / 10P
   2,097,152-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23232D-XXBS16 OKI-MSC23232D-XXBS16 Datasheet
82Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com