Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC23V26468TD-50BS8 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSC23V26468TD-50BS8
Description  2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23V26468TD-50BS8 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSC23V26468TD-50BS8 Datasheet HTML 2Page - OKI electronic componets MSC23V26468TD-50BS8 Datasheet HTML 3Page - OKI electronic componets MSC23V26468TD-50BS8 Datasheet HTML 4Page - OKI electronic componets MSC23V26468TD-50BS8 Datasheet HTML 5Page - OKI electronic componets MSC23V26468TD-50BS8 Datasheet HTML 6Page - OKI electronic componets MSC23V26468TD-50BS8 Datasheet HTML 7Page - OKI electronic componets MSC23V26468TD-50BS8 Datasheet HTML 8Page - OKI electronic componets MSC23V26468TD-50BS8 Datasheet HTML 9Page - OKI electronic componets MSC23V26468TD-50BS8 Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Semiconductor
MSC23V26468TD
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
-0.5 to 4.6
V
Voltage on VCC Supply Relative to VSS
VCC
-0.5 to 4.6
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD *8
W
Operating Temperature
TOPR
0 to 70
°C
Storage Temperature
TSTG
-40 to 125
°C
* Ta = 25°C
Recommended Operating Conditions
( Ta = 0°C to 70°C )
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
3.0
3.3
3.6
V
Power Supply Voltage
VSS
000
V
Input High Voltage
VIH
2.0
-
VCC+0.3
V
Input Low Voltage
VIL
-0.3
-
0.8
V
Capacitance
( VCC = 3.3V ±0.3V, Ta = 25°C, f = 1 MHz )
Parameter
Symbol
Typ.
Max.
Unit
Input Capacitance (A0 – A9)
CIN1
-49
pF
Input Capacitance (/RAS0 - /RAS3)
CIN2
-20
pF
Input Capacitance (/CAS0 - /CAS7)
CIN3
-20
pF
Input Capacitance (/WE0, /WE2, /OE0, /OE2)
CIN4
-35
pF
I/O Capacitance (DQ0 - DQ63)
CI/O
-20
pF


Similar Part No. - MSC23V26468TD-50BS8

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V26407TD OKI-MSC23V26407TD Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26407TD-50BS8 OKI-MSC23V26407TD-50BS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26407TD-60BS8 OKI-MSC23V26407TD-60BS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26407TD-70BS8 OKI-MSC23V26407TD-70BS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26407TD-XXBS8 OKI-MSC23V26407TD-XXBS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results

Similar Description - MSC23V26468TD-50BS8

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V26457TD-XXBS8 OKI-MSC23V26457TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV26457D-XXBS8 OKI-MSC23CV26457D-XXBS8 Datasheet
92Kb / 10P
   2,097,152-word x 64-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26418TD-XXBS8 OKI-MSC23V26418TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26407TD-XXBS8 OKI-MSC23V26407TD-XXBS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V27257TD-XXBS9 OKI-MSC23V27257TD-XXBS9 Datasheet
93Kb / 10P
   2,097,152-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23232D-XXBS4 OKI-MSC23232D-XXBS4 Datasheet
78Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com