Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC23CV16458D-50BS4 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSC23CV16458D-50BS4
Description  1,048,576-word x 64-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23CV16458D-50BS4 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSC23CV16458D-50BS4 Datasheet HTML 2Page - OKI electronic componets MSC23CV16458D-50BS4 Datasheet HTML 3Page - OKI electronic componets MSC23CV16458D-50BS4 Datasheet HTML 4Page - OKI electronic componets MSC23CV16458D-50BS4 Datasheet HTML 5Page - OKI electronic componets MSC23CV16458D-50BS4 Datasheet HTML 6Page - OKI electronic componets MSC23CV16458D-50BS4 Datasheet HTML 7Page - OKI electronic componets MSC23CV16458D-50BS4 Datasheet HTML 8Page - OKI electronic componets MSC23CV16458D-50BS4 Datasheet HTML 9Page - OKI electronic componets MSC23CV16458D-50BS4 Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Semiconductor
MSC23CV16458D
AC Characteristics (1/2)
(VCC = 3.3V ±0.3V, Ta = 0°C to 70°C ) Note: 1, 2, 3
-50
-60
-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Note
Random Read or Write Cycle Time
tRC
84
-
104
-
124
-
ns
Read Modify Write Cycle Time
tRWC
110
-
135
-
160
-
ns
Fast Page Mode Cycle Time
tHPC
20
-
25
-
30
-
ns
Fast Page Mode Read Modify Write Cycle Time
tHPRWC
58
-
68
-
78
-
ns
Access Time from /RAS
tRAC
-50
-
60
-70
ns
4, 5, 6
Access Time from /CAS
tCAC
-13
-
15
-20
ns
4, 5
Access Time from Column Address
tAA
-25
-
30
-35
ns
4, 6
Access Time from /CAS Precharge
tCPA
-30
-
35
-40
ns
4
Access Time from /OE
tOEA
-13
-
15
-20
ns
4
Output Low Impedance Time from /CAS
tCLZ
0-
0-
0-
ns
4
Data Output Hold After /CAS Low
tDOH
5-
5-
5-
ns
/CAS to Data Output Buffer Turn-off Delay Time
tCEZ
013
0
15
020
ns
7, 8
/RAS to Data Output Buffer Turn-off Delay Time
tREZ
013
0
15
020
ns
7, 8
/OE to Data Output Buffer Turn-off Delay Time
tOEZ
013
0
15
020
ns
7
/WE to Data Output Buffer Turn-off Delay Time
tWEZ
013
0
15
020
ns
7
Transition Time
tT
150
1
50
150
ns
3
Refresh Period
tREF
-16
-
16
-16
ms
/RAS Precharge Time
tRP
30
-
40
-
50
-
ns
/RAS Pulse Width
tRAS
50
10K
60
10K
70
10K
ns
/RAS Pulse Width (Fast Page Mode with EDO)
tRASP
50
100K
60
100K
70
100K
ns
/RAS Hold Time
tRSH
7
-
10
-
13
-
ns
/RAS Hold Time referenced to /OE
tROH
7
-
10
-
13
-
ns
/CAS Precharge Time (Fast Page Mode with EDO)
tCP
7
-
10
-
10
-
ns
/CAS Pulse Width
tCAS
7
10K
10
10K
13
10K
ns
/CAS Hold Time
tCSH
35
-
40
-
45
-
ns
/CAS to /RAS Precharge Time
tCRP
5-
5-
5-
ns
/RAS Hold Time from /CAS Precharge
tRHCP
30
-
35
-
40
-
ns
/OE Hold Time from /CAS (DQ Disable)
tCHO
5-
5-
5-
ns
/RAS to /CAS Delay Time
tRCD
11
37
14
45
14
50
ns
5
/RAS to Column Address Delay Time
tRAD
9
2512301235
ns
6
Row Address Set-up Time
tASR
0-
0-
0-
ns
Row Address Hold Time
tRAH
7
-
10
-
10
-
ns
Column Address Set-up Time
tASC
0-
0-
0-
ns
Column Address Hold Time
tCAH
7
-
10
-
13
-
ns
Column Address to /RAS Lead Time
tRAL
25
-
30
-
35
-
ns


Similar Part No. - MSC23CV16458D-50BS4

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23CV23218D-60BS4 OKI-MSC23CV23218D-60BS4 Datasheet
79Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23218D-70BS4 OKI-MSC23CV23218D-70BS4 Datasheet
79Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23218D-XXBS4 OKI-MSC23CV23218D-XXBS4 Datasheet
79Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257A-XXBS4 OKI-MSC23CV23257A-XXBS4 Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC23CV16458D-50BS4

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2313258D OKI-MSC2313258D Datasheet
41Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSM5118165D OKI-MSM5118165D Datasheet
285Kb / 18P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165D OKI-MSM51V18165D Datasheet
344Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165A OKI-MSM51V18165A Datasheet
1Mb / 15P
   1,048,576-Word x 16-Bit DYNAMIC RAM :FAST PAGE MODE TYPE WITH EDO
MSM5118165B OKI-MSM5118165B Datasheet
255Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116165D OKI-MSM5116165D Datasheet
285Kb / 18P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16165A OKI-MSM51V16165A Datasheet
626Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16165D OKI-MSM51V16165D Datasheet
265Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165B OKI-MSM51V18165B Datasheet
105Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165A OKI-MSM5118165A Datasheet
629Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com