Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XN1112 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # XN1112
Description  Silicon PNP epitaxial planar type For switching/digital circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN1112 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  XN1112 Datasheet HTML 1Page - Panasonic Semiconductor XN1112 Datasheet HTML 2Page - Panasonic Semiconductor XN1112 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
XN01112
2
SJJ00005BED
hFE  IC
Cob  VCB
IO  VIN
PT  Ta
IC  VCE
VCE(sat)  IC
VIN  IO
0
160
40
120
80
0
500
200
400
100
300
Ambient temperature T
a (°C)
0
0
−12
−2
−10
−4
−8
−6
−40
−120
−80
−160
Collector-emitter voltage V
CE (V)
Ta
= 25°C
IB
= −1.0 mA
−0.9mA
−0.8mA
−0.7mA
−0.6mA
−0.5mA
−0.4mA
−0.3mA
−0.2mA
−0.1mA
−0.01
−0.1
−0.1
−1
−10
−100
−1
−10
−100
Collector current I
C (mA)
IC / IB
= 10
Ta = 75
°C
25
°C
−25°C
0
−1
100
200
300
400
−10
−100
−1000
Collector current I
C (mA)
VCE
= −10 V
Ta = 75
°C
25
°C
−25°C
0
−0.1
6
5
4
3
2
1
−1
−10
−100
Collector-base voltage V
CB (V)
f
= 1 MHz
IE
= 0
Ta
= 25°C
−1
−0.4
−10
−102
−103
−104
−1.4
−1.2
−1.0
−0.8
−0.6
Input voltage VIN (V)
VO =
−5 V
Ta = 25
°C
−0.01
−0.1
−0.1
−1
−10
−100
−1
−10
−100
Output current I
O (mA)
VO
= −0.2 V
Ta = 25
°C


Similar Part No. - XN1112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN1112 PANASONIC-XN1112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
More results

Similar Description - XN1112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR5154 PANASONIC-UNR5154 Datasheet
87Kb / 3P
   Silicon PNP epitaxial planar type For digital circuits
XN04381 PANASONIC-XN04381 Datasheet
108Kb / 5P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2) For switching/digital circuits
XN01210 PANASONIC-XN01210 Datasheet
76Kb / 3P
   Silicon NPN epitaxial planar type For switching/digital circuits
XN01212 PANASONIC-XN01212 Datasheet
85Kb / 3P
   Silicon NPN epitaxial planar type For switching/digital circuits
XP0121M PANASONIC-XP0121M Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type For switching/digital circuits
MA2Z001 PANASONIC-MA2Z001 Datasheet
69Kb / 2P
   Silicon epitaxial planar type For switching circuits
UNR31A4 PANASONIC-UNR31A4 Datasheet
79Kb / 3P
   Silicon PNP epitaxial planar transistor For digital circuits
2SB944 PANASONIC-2SB944 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB945 PANASONIC-2SB945 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB946 PANASONIC-2SB946 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com