Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38510-101J Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # M38510-101J
Description  MICROCIRCUITS, LINEAR, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M38510-101J Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  M38510-101J Datasheet HTML 1Page - List of Unclassifed Manufacturers M38510-101J Datasheet HTML 2Page - List of Unclassifed Manufacturers M38510-101J Datasheet HTML 3Page - List of Unclassifed Manufacturers M38510-101J Datasheet HTML 4Page - List of Unclassifed Manufacturers M38510-101J Datasheet HTML 5Page - List of Unclassifed Manufacturers M38510-101J Datasheet HTML 6Page - List of Unclassifed Manufacturers M38510-101J Datasheet HTML 7Page - List of Unclassifed Manufacturers M38510-101J Datasheet HTML 8Page - List of Unclassifed Manufacturers M38510-101J Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
MIL-M-38510/101J
TABLE I. Electrical performance characteristics. 1/
Test
Symbol
Conditions
-55
°C ≤ TA ≤ +125°C
see figure 3
Group A
subgroups
Device
type
Limits
Unit
unless otherwise specified
Min
Max
Input offset voltage
VIO
RS = 50 Ω 2/
1
01,02,
08
-3
+3
mV
03,05
-2
+2
04,06
-0.5
+0.5
07
-4
+4
2,3
01,02,
08
-4
+4
03,05
-3
+3
04,06
-1
+1
07
-6
+6
Input offset voltage
temperature sensitivity
∆VIO /
∆T
2
01,02,
08
-15
+15
µV/°C
03,05
-18
+18
04,06
-5
+5
07
-50
+50
3
01,02,
03,05
-15
+15
04,06
-5
+5
07
-50
+50
08
-20
20
See footnotes at end of table.
5


Similar Part No. - M38510-101J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
M38510-10304BGA TI-M38510-10304BGA Datasheet
802Kb / 22P
[Old version datasheet]   LM111JAN Voltage Comparator
More results

Similar Description - M38510-101J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP16GJ ETC2-OP16GJ Datasheet
173Kb / 14P
   MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
logo
List of Unclassifed Man...
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Sanyo Semicon Device
LA6358NMM SANYO-LA6358NMM Datasheet
283Kb / 6P
   Monolithic Linear IC High-Performance Dual Operational Amplifier
logo
Motorola, Inc
MC1741 MOTOROLA-MC1741 Datasheet
1Mb / 5P
   OPERATIONAL AMPLIFIER SILICON MONOLITHIC INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com