Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC80F0216 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MC80F0216
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC80F0216 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MC80F0216 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC80F0216 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC80F0216 Datasheet HTML 3Page - List of Unclassifed Manufacturers MC80F0216 Datasheet HTML 4Page - List of Unclassifed Manufacturers MC80F0216 Datasheet HTML 5Page - List of Unclassifed Manufacturers MC80F0216 Datasheet HTML 6Page - List of Unclassifed Manufacturers MC80F0216 Datasheet HTML 7Page - List of Unclassifed Manufacturers MC80F0216 Datasheet HTML 8Page - List of Unclassifed Manufacturers MC80F0216 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 128 page
background image
Preliminary
MC80F0208/16/24
MAR. 2005 Ver 0.2
1
MC80F0208/16/24
MC80C0208/16/24
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
WITH 10-BIT A/D CONVERTER AND UART
1. OVERVIEW
1.1 Description
The MC80F0208/16/24 is advanced CMOS 8-bit microcontroller with 8K/16K/24K bytes of FLASH(ROM). This is a powerful microcon-
troller which provides a highly flexible and cost effective solution to many embedded control applications. This provides the following
standard features : 8K/16K/24K bytes of FLASH, 1K bytes of RAM, 8/16-bit timer/counter, watchdog timer, watch timer, 10-bit A/D con-
verter, 8-bit Serial Input/Output, UART, buzzer driving port, 10-bit PWM output and on-chip oscillator and clock circuitry. It also has 8
high current I/O pins with typical 20mA. In addition, the MC80F0208/16/24 supports power saving modes to reduce power consumption.
1.2 Features
• 8K/16K/24K Bytes On-chip ROM
• FLASH Mermory
- Endurance : 100 cycles
- Data Retention : 10 years
• 1024 Bytes On-chip Data RAM
(Included stack memory)
• Minimum Instruction Execution Time
- 333ns at 12MHz (NOP instruction)
• 36 I/O Ports
• One 8-bit Basic Interval Timer
• Four 8-bit and one 16-bit Timer/Event counter
(or three 16-bit Timer/Event counter)
• One Watchdog timer
• One Watch timer
• One 10-bit PWM
• 8 channel 10-bit A/D converter
• Three 8-bit Serial Communication Interface
- One Serial I/O and two UART
• One Buzzer Driving port
- 488Hz ~ 250kHz@4MHz
• Four External Interrupt input ports
• Fifteen Interrupt sources
- Basic Interval Timer(1)
- External input(4)
- Timer/Event counter(5)
- ADC(1)
- Serial Interface(1), UART(2)
- WDT and Watch Timer(1)
• Built in Noise Immunity Circuit
- Noise filter
- 3-level Power fail detector [3.0V, 2.7V, 2.4V]
• Power Down Mode
- Stop, Sleep mode
• Operating Voltage Range
- 2.7V ~ 5.5V (@ 8MHz)
- 4.5V ~ 5.5V (@ 12MHz)
Device Name
FLASH(ROM)
Size
RAM
ADC
PWM
I/O PORT
Package
FLASH
MASK ROM
MC80F0208Q
MC80C0208Q
8KByte
1024
Byte
8 channel
1 channel
36 port
44MQFP
MC80F0208K
MC80C0208K
42SDIP
MC80F0216Q
MC80C0216Q
16KByte
1024
Byte
8 channel
1 channel
36 port
44MQFP
MC80F0216K
MC80C0216K
42SDIP
MC80F0224Q
MC80C0224Q
24KByte
1024
Byte
8 channel
1 channel
36 port
44MQFP
MC80F0224K
MC80C0224K
42SDIP


Similar Part No. - MC80F0216

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC80F0204 ETC1-MC80F0204 Datasheet
2Mb / 126P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80F0204B ETC1-MC80F0204B Datasheet
2Mb / 126P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80F0204D ETC1-MC80F0204D Datasheet
2Mb / 126P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC80F0216

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com