Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IAISM-AN2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IAISM-AN2
Description  Universal ISM Band FSK Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IAISM-AN2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IAISM-AN2 Datasheet HTML 1Page - List of Unclassifed Manufacturers IAISM-AN2 Datasheet HTML 2Page - List of Unclassifed Manufacturers IAISM-AN2 Datasheet HTML 3Page - List of Unclassifed Manufacturers IAISM-AN2 Datasheet HTML 4Page - List of Unclassifed Manufacturers IAISM-AN2 Datasheet HTML 5Page - List of Unclassifed Manufacturers IAISM-AN2 Datasheet HTML 6Page - List of Unclassifed Manufacturers IAISM-AN2 Datasheet HTML 7Page - List of Unclassifed Manufacturers IAISM-AN2 Datasheet HTML 8Page - List of Unclassifed Manufacturers IAISM-AN2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
IA4420
PACKAGE PIN DEFINITIONS
Pin type key: D=digital, A=analog, S=supply, I=input, O=output, IO=input/output
Note:
Note:
Note:
Note:
Note: The actual mode of the multipurpose pins (pin 6 and 7) is determined by the TX/RX data I/O settings of the
transceiver.
SDI
SCK
nSEL
SDO
nIRQ
FSK / DATA / nFFS
DCLK / CFIL / FFIT
CLK
nINT / VDI
ARSSI
VDD
VSS
RF1
RF2
nRES
XTL / REF
Pin
Name
Type
Function
1
SDI
DI
Data input of the serial control interface (SPI compatible)
2
SCK
DI
Clock input of the serial control interface
3
nSEL
DI
Chip select input of the serial control interface (active low)
4
SDO
DO
Serial data output with bus hold
5
nIRQ
DO
Interrupt request output (active low)
FSK
DI
Transmit FSK data input
DATA
DO
Received data output (FIFO not used)
nFFS
DI
FIFO select input (active low) In FIFO mode, when bit ef is set in Configuration Setting Command
DLCK
DO
Received data clock output (Digital filter used, FIFO not used)
CFIL
AIO
External data filter capacitor connection (Analog filter used)
FFIT
DO
FIFO interrupt (active high) Number of the bits in the RX FIFO that reach the preprogrammed limit
In FIFO mode, when bit ef is set in Configuration Setting Command
8
CLK
DO
Microcontroller clock output
XTL
AIO
Crystal connection (the other terminal of crystal to VSS) or external reference input
REF
AIO
External reference input. Use 33 pF series coupling capacitor
10
nRES
DIO
Open drain reset output with internal pull-up and input buffer (active low)
11
VSS
S
Ground reference voltage
12
RF2
AIO
RF differential signal input/output
13
RF1
AIO
RF differential signal input/output
14
VDD
S
Positive supply voltage
15
ARSSI
AO
Analog RSSI output
nINT
DI
Interrupt input (active low)
VDI
DO
Valid data indicator output
7
16
6
9


Similar Description - IAISM-AN2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
List of Unclassifed Man...
SI4420-D1-FT ETC2-SI4420-D1-FT Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
RFM12B ETC2-RFM12B Datasheet
418Kb / 11P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM12BP ETC2-RFM12BP Datasheet
339Kb / 8P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com