Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCRT-WCX Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # BCRT-WCX
Description  BCRT Bus Controller/Remote Terminal/Monitor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-WCX Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button BCRT-WCX Datasheet HTML 2Page - List of Unclassifed Manufacturers BCRT-WCX Datasheet HTML 3Page - List of Unclassifed Manufacturers BCRT-WCX Datasheet HTML 4Page - List of Unclassifed Manufacturers BCRT-WCX Datasheet HTML 5Page - List of Unclassifed Manufacturers BCRT-WCX Datasheet HTML 6Page - List of Unclassifed Manufacturers BCRT-WCX Datasheet HTML 7Page - List of Unclassifed Manufacturers BCRT-WCX Datasheet HTML 8Page - List of Unclassifed Manufacturers BCRT-WCX Datasheet HTML 9Page - List of Unclassifed Manufacturers BCRT-WCX Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
RTI-6
7
[0]
Channel B Enabled. A logic one indicates that Channel B is available for
both reception and transmission.
8
[0]
Channel A Enabled. A logic one indicates that Channel A is available for
both reception and transmission.
9
[1]
Terminal Flag Enabled. A logic one indicates that the Bus Controller has
not issued an Inhibit Terminal Flag mode code. A logic zero indicates that
the Bus Controller, via the above mode code, is overriding the host sys-
tem’s ability to set the Terminal Flag bit of the status word.
10
[0]
Busy. A logic one indicates the Busy bit is set. This bit is reset when the
SystemBusy bit in the Control Register is reset.
11
[0]
Self-Test. A logic one indicates that the RTI is in the self-test mode. This
bit isreset when the self-test is terminated.
12
[0]
TA Parity Error. A logic one indicates the wrong Terminal Address parity;
it causes the biphase inputs to be disabled and a message error condition.
This bit is reset by reloading the terminal address latch with correct parity.
13
[0]
Message Error. A logic one indicates that a message error has occurred
since the last System Register read. This bit is not reset until the System
Register has been examined and the message error condition is removed.
14
[0]
Valid Message. A logic one indicates that a valid message has been
received since the last System Register read. This bit is not reset until the
System Register has been examined.
15
[0]
Terminal Active. A logic one indicates the device is executing a transmit or
receive operation. The state of this bit is the logical NAND of the external
XMIT and RCV pins.
MCSA
4
MCSA
3
TAPA
ERR
MESS
ERR
VAL
MESS
MCSA
0
MCSA
1
MCSA
2
SELF-
TEST
TERM
ACTV
BUSY
TFEN
CH A
EN
CH B
EN
CHNL
A/B
MC/
SA
Figure 5. System Registers
[0]
[0]
[0]
[0]
[0]
[0]
[1]
[0]
[0]
[1]
[0]
[0]
[0]
[0]
[0]
[0]
[ ] defines reset state
SYSTEM REGISTER (READ ONLY)
MSB
LSB


Similar Part No. - BCRT-WCX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
   Thin Film, Back-Contact Resistor
Revision: 12-Mar-08
BCR VISHAY-BCR Datasheet
76Kb / 3P
   Thin Film, Back-Contact Resistor
01-Jan-2022
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
   LOW POWER USE PLANAR PASSIVATION TYPE
BCR08AM RENESAS-BCR08AM Datasheet
94Kb / 6P
   MITSUBISHI SEMICONDUCTOR
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
   Triac Low Power Use
More results

Similar Description - BCRT-WCX

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
   CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
   CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
logo
Dynex Semiconductor
MA3690 DYNEX-MA3690 Datasheet
426Kb / 41P
   1553B Bus Controller/Remote Terminal
logo
Aeroflex Circuit Techno...
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7463 ONSEMI-ADT7463_13 Datasheet
732Kb / 50P
   Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com