Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1109-S Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT1109-S
Description  ONE-CHANNEL STEP-UP PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1109-S Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT1109-S Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT1109-S Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1109-S Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1109-S Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1109-S Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1109-S Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1109-S Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1109-S Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1109-S Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 3 of 18
V 1.0
AAT1109
ELECTRICAL CHARACTERISTICS,
DD
V
= 3.3V (UNLESS OTHERWISE
SPECIFIED) (SEE NOTE 1)
OSCILLATOR
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP MAX UNIT
Oscillation Frequency
OSC
f
OSC
C
=270pF
kΩ
2
.
4
ROSC =
400
500
600
kHz
Frequency Variation with
Temperature
T
f
C
20
T
o
C
=
to
C
85o
+
5
%
Frequency Input Stability
V
f
6.5V
to
2.6V
VDD =
1
%
UNDER-VOLTAGE PROTECTION
PARAMETER
TEST CONDITION
MIN TYP MAX UNIT
Upper Threshold Voltage
UPH
V
C
25
TC
o
=
2.12 2.47
2.85
V
Lower Threshold Voltage
UPL
V
C
25
TC
o
=
1.96 2.28
2.63
V
Hysteresis
()
UPL
UPH
V
V
HYS
V
C
25
TC
o
=
0.19
V
Note 1: Typical values of all parameters are specified at
C
25
TC
o
=
.
SHORT CIRCUIT PROTECTION CONTROL
PARAMETER
TEST CONDITION
MIN
TYP MAX UNIT
Input Threshold Voltage
1
r
V
1.160 1.262 1.360
V
Short-Circuit Detection
Threshold Voltage
2
r
V
1.160 1.262 1.360
V
Charging Current
SCP
I
V
0
VSCP =
15
.
2
50
.
1
00
.
1
A
µ
SOFT-START
PARAMETER
TEST CONDITION
MIN
TYP MAX UNIT
Charging Current
CS
I
V
0
VSCP =
15
.
2
50
.
1
00
.
1
µA
Voltage at Soft-Start
Completion
ts
V
1.160 1.262 1.360
V
SHUTDOWN CONTROL
PARAMETER
TEST CONDITION
MIN
TYP MAX UNIT
Shutdown Enable Voltage
SE
V
0.5
V
Shutdown Release Voltage
SR
V
2.0
V


Similar Part No. - AAT1109-S

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1109A ANALOGICTECH-AAT1109A Datasheet
300Kb / 10P
   ONE-CHANNEL BOOST SWITCHING REGULATOR
logo
Advanced Analog Technol...
AAT1109A AAT-AAT1109A Datasheet
289Kb / 10P
   ONE-CHANNEL BOOST SWITCHING REGULATOR
More results

Similar Description - AAT1109-S

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1110 AAT-AAT1110 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
logo
SHOUDING Shouding Semic...
SD6273 SHOUDING-SD6273 Datasheet
1Mb / 9P
   1.2MHz Step-Up PWM Controller
logo
Eutech Microelectronics...
EUP2573 EUTECH-EUP2573 Datasheet
98Kb / 2P
   1.2MHz Step-Up PWM Controller
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
L3380 UTC-L3380 Datasheet
166Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_12 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
logo
ON Semiconductor
NCP1450A ONSEMI-NCP1450A Datasheet
202Kb / 24P
   PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com