Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1105A-T1 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT1105A-T1
Description  BUCK_BOOST AND BOOST PWM CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1105A-T1 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT1105A-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT1105A-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1105A-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1105A-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1105A-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1105A-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1105A-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1105A-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1105A-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 5 of 16
V 1.0
AAT1105A
Electrical Characteristics,
DD
V
= 3.3V (Unless Otherwise Specified) (See Note 1) (Cont.)
Reference Voltage
Parameter
Test Conditions
Min
Typ
Max
Unit
Internal Reference Voltage
REFi
V
mA
1
I
REF
=
,
C
T= 25
oC 0.622 0.641 0.660
Reference Voltage
REF
V
mA
1
I
REF
=
,
C
T= 25
oC 1.280 1.293 1.306
V
Input Voltage Regulation
RI
V
mA
1
I
REF
=
,
VDD = 2.6V to 6.0V
-
1
10
mV
Output Regulation
RO
V
mA
1
.
0
I
REF
=
to
1
mA
-
1
6
mV
EA (Error Amplifier)
Parameter
Test Condition
Min
Typ
Max Unit
Input Offset Voltage
IO
V
CH1,CH2, Unity Gain
-
-
6
mV
Input Bias Current
IB
I
CH1, CH2
-
±15
±100
nA
Input Voltage Range
IR
V
CH1, CH2
0.5
-
1.5
V
Open-Loop Voltage
Amplification
VO
A
70
85
-
dB
+
OS
V
1.7
2.0
-
Output Voltage Swing
OS
V
-
0.2
0.4
V
Output Sink Current
+
OS
I
OE=0.65V
3
10
-
mA
Output Source Current
OS
I
OE=0.65V
-
65
45
µA
Common-Mode Rejection
Ratio
CMRR
60
80
-
dB
PRDB (Power Good Protection)
Parameter
Test Condition
Min
Typ
Max Unit
Low Level Output Voltage
dbl
V
Pull-High
=
k
100
R
20
-
0.2
0.4
V


Similar Part No. - AAT1105A-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1100 ANALOGICTECH-AAT1100 Datasheet
473Kb / 15P
   TRIPLE-CHANNEL PWM CONTROLLER
AAT1100-T1 ANALOGICTECH-AAT1100-T1 Datasheet
473Kb / 15P
   TRIPLE-CHANNEL PWM CONTROLLER
AAT1100-T1-T ANALOGICTECH-AAT1100-T1-T Datasheet
473Kb / 15P
   TRIPLE-CHANNEL PWM CONTROLLER
AAT1101 ANALOGICTECH-AAT1101 Datasheet
711Kb / 23P
   TRIPLE OUTPUT TFT LCD PWM CONTROLLER
AAT1101-T1 ANALOGICTECH-AAT1101-T1 Datasheet
711Kb / 23P
   TRIPLE OUTPUT TFT LCD PWM CONTROLLER
More results

Similar Description - AAT1105A-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1107 AAT-AAT1107 Datasheet
396Kb / 16P
   BUCK_BOOST & BOOST PWM CONTROLLER WITH ADJUSTABLE LDO
logo
Microsemi Corporation
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
   PWM BOOST CONTROLLER
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
   PWM BOOST CONTROLLER
logo
Semtech Corporation
SC2603 SEMTECH-SC2603 Datasheet
224Kb / 11P
   Simple PWM Boost Controller
logo
Linear Technology
LTC3783 LINER-LTC3783_15 Datasheet
309Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
LTC3783 LINER-LTC3783 Datasheet
274Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
logo
Feeling Technology Corp...
FP5138 FEELING-FP5138 Datasheet
440Kb / 16P
   Non-Synchronous PWM Boost Controller
logo
ON Semiconductor
NCP1294 ONSEMI-NCP1294 Datasheet
233Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
logo
Feeling Technology Corp...
FP5202 FEELING-FP5202 Datasheet
342Kb / 10P
   Non-Synchronous PWM Boost Controller
logo
ON Semiconductor
NCP1294 ONSEMI-NCP1294_V01 Datasheet
314Kb / 14P
   Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com