Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1105A-T1-T Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part # AAT1105A-T1-T
Description  BUCK_BOOST AND BOOST PWM CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1105A-T1-T Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

  AAT1105A-T1-T Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT1105A-T1-T Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1105A-T1-T Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1105A-T1-T Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1105A-T1-T Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1105A-T1-T Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1105A-T1-T Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1105A-T1-T Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1105A-T1-T Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 4 of 16
V 1.0
AAT1105A
Electrical Characteristics, DD
V
= 3.3V (Unless Otherwise Specified) (See Note 1)
Oscillator
Parameter
Test Condition
Min
Typ
Max Unit
Frequency
OSC
f
OSC
C
= 220pF,
OSC
R=
5.6kΩ
320
400
480
kHz
Frequency
Changes
with
DD
V
V
f
DD
V
= 2.6V to 6.0V,
C
T= 25
oC
OSC
C
= 220pF,
OSC
R
= 5.6kΩ
-
1
-
%
Under-Voltage Protection
Parameter
Test Condition
Min
Typ
Max
Unit
Upper Threshold Voltage
UPH
V
C
T= 25
oC
1.81
2.03
2.25
V
Lower Threshold Voltage
UPL
V
C
T= 25
oC
1.57
1.79
2.01
V
Hysteresis (
UPH
V
UPL
V)
HYS
V
C
T= 25
oC
-
0.24
-
V
Short Circuit Protection Control
Parameter
Test Condition
Min
Typ
Max
Unit
Input Threshold Voltage
2
r
V
CH2
1.81
1.29
1.40
V
Input Threshold Voltage
1
r
V
CH1
0.30
0.37
0.44
V
Short-Circuit Detect
Threshold Voltage
tscd
V
0.76
0.85
0.94
V
SCP Terminal Source
Current
SCP
I
8
.
3
6
.
2
4
.
1
µA
Stand-by Voltage
VSTB
50
100
mV
Latch Voltage
VLT
30
100
mV
Shutdown Control
Parameter
Test Condition
Min
Typ
Max
Unit
Shutdown Enable Voltage
SE
V
C
T= 25
oC
-
-
0.5
V
Shutdown Release Voltage
SR
V
C
T= 25
oC
2.0
-
-
V
Note 1: Typical values of all parameters are specified at
C
T=25
oC.


Similar Part No. - AAT1105A-T1-T

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1100 ANALOGICTECH-AAT1100 Datasheet
473Kb / 15P
   TRIPLE-CHANNEL PWM CONTROLLER
AAT1100-T1 ANALOGICTECH-AAT1100-T1 Datasheet
473Kb / 15P
   TRIPLE-CHANNEL PWM CONTROLLER
AAT1100-T1-T ANALOGICTECH-AAT1100-T1-T Datasheet
473Kb / 15P
   TRIPLE-CHANNEL PWM CONTROLLER
AAT1101 ANALOGICTECH-AAT1101 Datasheet
711Kb / 23P
   TRIPLE OUTPUT TFT LCD PWM CONTROLLER
AAT1101-T1 ANALOGICTECH-AAT1101-T1 Datasheet
711Kb / 23P
   TRIPLE OUTPUT TFT LCD PWM CONTROLLER
More results

Similar Description - AAT1105A-T1-T

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1107 AAT-AAT1107 Datasheet
396Kb / 16P
   BUCK_BOOST & BOOST PWM CONTROLLER WITH ADJUSTABLE LDO
logo
Microsemi Corporation
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
   PWM BOOST CONTROLLER
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
   PWM BOOST CONTROLLER
logo
Semtech Corporation
SC2603 SEMTECH-SC2603 Datasheet
224Kb / 11P
   Simple PWM Boost Controller
logo
Linear Technology
LTC3783 LINER-LTC3783_15 Datasheet
309Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
LTC3783 LINER-LTC3783 Datasheet
274Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
logo
Feeling Technology Corp...
FP5138 FEELING-FP5138 Datasheet
440Kb / 16P
   Non-Synchronous PWM Boost Controller
logo
ON Semiconductor
NCP1294 ONSEMI-NCP1294 Datasheet
233Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
logo
Feeling Technology Corp...
FP5202 FEELING-FP5202 Datasheet
342Kb / 10P
   Non-Synchronous PWM Boost Controller
logo
ON Semiconductor
NCP1294 ONSEMI-NCP1294_V01 Datasheet
314Kb / 14P
   Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com