Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1014 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT1014
Description  3-CHANNEL PC POWER SUPPLY SUPERVISOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1014 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT1014 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT1014 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1014 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1014 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1014 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1014 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1014 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1014 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1014 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 3 of 11
V 1.0
AAT1014
PIN DESCRIPTION
PIN NO NAME
I/O
DESCRIPTION
1
PGI
I
Power Good Input
2
GND
Ground
3
FPO
O
Inverted Fault Protection Output, Open Drain Output Stage
4
ONCTL
I
ON/OFF Control
5
33
V
I
Over and Under Voltage Protection for 3.3V
6
5
V
I
Over and Under Voltage Protection for 5V
7
CC
V
I
Supply Voltage and 12V Over Voltage Protection Input
8
PGO
O
Power Good Output, Open Drain Output Stage
ABSOLUTE MAXIMUM RATINGS
CHARACTERISTICS
SYMBOL
VALUE
UNIT
Supply Voltage
CC
V
16
V
FPO Output Voltage
FPO
V
16
V
PGO Output Voltage
PGO
V
8
V
Supply Current
CC
I
1
mA
Operating Free-Air Temperature Range
C
T
20
to +85
oC
Storage Temperature Range
storage
T
45
to +125
oC
RECOMMENDED OPERATING CONDITIONS
TEST
CONDITION
MIN TYP MAX
UNIT
Supply Voltage,
CC
V
4
15
V
Input Voltage,
I
V
ONCTL ,
5
V,
33
V, PGI
7
V
FPO
V
15
V
Output Voltage
PGO
V
7
V
FPO
I
30
mA
Output Sink Current, IO (sink)
PGO
I
10
mA
Supply Voltage Rising Time
r
t
See Note 1
1
ms
Note 1:
CC
V
slew rate must be less than 14 V/ms.


Similar Part No. - AAT1014

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1011A AAT-AAT1011A Datasheet
84Kb / 7P
   3-CHANNEL PC POWER SUPPLY SUPERVISOR FOR 3.3V, 5V AND 12V
AAT1015 AAT-AAT1015 Datasheet
130Kb / 11P
   3-CHANNEL PC POWER SUPPLY SUPERVISOR
More results

Similar Description - AAT1014

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1015 AAT-AAT1015 Datasheet
130Kb / 11P
   3-CHANNEL PC POWER SUPPLY SUPERVISOR
logo
Unisonic Technologies
3513 UTC-3513_15 Datasheet
387Kb / 12P
   PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISOR
logo
Weltrend Semiconductor
WT7527V WELTREND-WT7527V Datasheet
357Kb / 13P
   PC POWER SUPPLY SUPERVISOR
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
   PC POWER SUPPLY SUPERVISOR
logo
Richtek Technology Corp...
R7510A RICHTEK-R7510A Datasheet
326Kb / 12P
   PC Power Supply Supervisor
January 2012
logo
Anpec Electronics Corop...
APW1680 ANPEC-APW1680 Datasheet
84Kb / 7P
   3-Channel Power Supply Supervisor
logo
Texas Instruments
TPS5510 TI1-TPS5510_05 Datasheet
119Kb / 7P
[Old version datasheet]   3-CHANNEL POWER SUPPLY SUPERVISOR
logo
Anpec Electronics Corop...
APW1681 ANPEC-APW1681 Datasheet
82Kb / 7P
   3-Channel Power Supply Supervisor
logo
Unisonic Technologies
3513 UTC-3513 Datasheet
272Kb / 12P
   PC POWER SUPPLY SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com