Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5HP01N Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 5HP01N
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

5HP01N Datasheet(HTML) 2 Page - Sanyo Semicon Device

  5HP01N Datasheet HTML 1Page - Sanyo Semicon Device 5HP01N Datasheet HTML 2Page - Sanyo Semicon Device 5HP01N Datasheet HTML 3Page - Sanyo Semicon Device 5HP01N Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5HP01N
No.6642-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward Transfer Admittance
yfs
VDS=--10V, ID=--40mA
50
70
mS
RDS(on)1
ID=--40mA, VGS=--10V
17
22
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=--20mA, VGS=--4V
23
32
Input Capacitance
Ciss
VDS=--10V, f=1MHz
6.2
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
4.0
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
1.3
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
13
ns
Rise Time
tr
See specified Test Circuit
10
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
100
ns
Fall Time
tf
See specified Test Circuit
150
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--70mA
1.32
nC
Gate Source Charge
Qgs
VDS=--10V, VGS=--10V, ID=--70mA
0.17
nC
Gate Drain Charge
Qgd
VDS=--10V, VGS=--10V, ID=--70mA
0.34
nC
Diode Forward Voltage
VSD
IS=--70mA, VGS=0
0.85
1.2
V
Marking : XC
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
0V
--10V
VIN
P.G
50
G
D
ID= --40mA
RL=625Ω
VDD= --25V
VOUT
5HP01N
S
VIN
0
0
--0.01
--0.02
--0.03
--0.04
--0.06
--0.07
--0.4
--0.05
--0.8
--1.2
--1.6
--2.0
--0.2
--0.6
--1.0
--1.4
--1.8
ID -- VDS
VGS= --2.5V
--3.0V
--4.0V
0
0
--0.04
--0.02
--1
--0.06
--0.08
--2
--0.10
--0.12
--0.14
--4
--3
--5
--6
ID -- VGS
VDS= --10V
--2
30
--3
35
--4
40
--5
45
--6
50
10
15
20
25
--7
--8
--9
--10
RDS(on) -- VGS
Ta=25
°C
ID= --20mA
--40mA
RDS(on) -- ID
IT00103
IT00104
IT00105
IT00106
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
Gate-to-Source Voltage, VGS -- V
--0.01
10
--0.1
23
5
7
2
3
100
7
5
3
2
VGS= --10V
--25
°C
25
°C
Ta=75
°C


Similar Part No. - 5HP01N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
5HP01C SANYO-5HP01C Datasheet
26Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
VBsemi Electronics Co.,...
5HP01C VBSEMI-5HP01C Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Sanyo Semicon Device
5HP01M SANYO-5HP01M Datasheet
27Kb / 4P
    Ultrahigh-Speed Switching Applications
logo
VBsemi Electronics Co.,...
5HP01M VBSEMI-5HP01M Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Sanyo Semicon Device
5HP01SP SANYO-5HP01SP Datasheet
40Kb / 4P
   5HP01SP
More results

Similar Description - 5HP01N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com