Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN80CL51N Datasheet(PDF) 1 Page - Integral Corp.

Part # IN80CL51N
Description  CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN80CL51N Datasheet(HTML) 1 Page - Integral Corp.

  IN80CL51N Datasheet HTML 1Page - Integral Corp. IN80CL51N Datasheet HTML 2Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IN80CL31N/IN80CL51N
1
CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
The 80CL31/80CL51 is a high-performance microcontroller fabricated with high-density
CMOS technology. The instruction set is based on that the 80C51.The 80CL51 is general
purpose microcontroller especially suited for battery powered applications. The device has
low power consumption and a wide range of supply voltage.
The 80CL51 contains a 4k x 8 ROM , a 128 x 8 RAM , 32 I/O lines, two 16-bit
counter/timers, a five-source, two-priority level nested interrupt structure, a serial I/O port
for either multi-processor communications, I/O expansion or full duplex UART, and on-
chip oscillator and clock circuits.
The device has two software selectable modes of power reduction
 idle mode and
power-down mode. The idle mode freezes the CPU while allowing the RAM, timers, serial
port, and interrupt system to continue functioning. The power-down mode saves the RAM
contents but freezes the oscillator, causing all other chip functions to be inoperative.
FEATURES
 Full static 80C51 CPU
 4k x 8 ROM (80CL51)
 ROMless (80CL31)
 128 x 8 RAM
 Two 16-bit counter/timers
 Full duplex serial channel
 Boolean processor
 Memory addressing capability
 64k ROM and 64k RAM
 Power control modes:
 Idle mode
 Power-down mode
 CMOS and TTL compatible
 Thirteen source, thirteen vector
interrupt structure with two priority levels
 Wake-up via external interrupts in
Port1
 Single supply voltage of 1.8V to 6.0V
 Frequency range of 0 to 16 MHz
 Very low current consumption
PIN CONFIGURATIONS
PL A S T IC
DUAL
IN -L IN E
P A C KAG E
39
1
2
3
4
5
40
6
8
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
P1 .0
I NT2 /P 1 .0
I NT4 /P 1 .2
I NT5 /P 1 .3
I NT6 /P 1 .4
I NT7 /P 1 .5
T A/P 3 .0
O CK /P 3 .2
I NT3 /P 1 .1
9
7
I NT8 /P 1 .6
I NT9 /P 1 .7
RS T
T0 /P 3 .4
T1 /P 3 .5
WR /P 3 6
RD /P 3 .7
XT A L 2
XT A L 1
Vs s
Vc c
P0 .0 /A D 0
P0 .1 /A D 1
P0 .2 /A D 2
P0 .3 /A D 3
P0 .4 /A D 4
P0 .5 /A D 5
P0 .6 /A D 6
P0 .7 /A D 6
EA
AL E
PS E N
P2 .7 /A 1 5
P2 .6 /A 1 4
P2 .5 /A 1 3
P2 .4 /A 1 2
P2 .3 /A 1 1
P2 .2 /A 1 0
P2 .1 /A 9
P2 .0 /A 8
IN T 0 /P 3 .2
IN T 1 /P 3 .3
CMOS single-chip 8-bit microcontroller 80CL31/80CL51


Similar Part No. - IN80CL51N

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
IN80C186 AMD-IN80C186 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
IN80C186-12 AMD-IN80C186-12 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
IN80C186-16 AMD-IN80C186-16 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
IN80C186-20 AMD-IN80C186-20 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
IN80C186-25 AMD-IN80C186-25 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
More results

Similar Description - IN80CL51N

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS80LV52 ISSI-IS80LV52 Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV52 ICSI-IC80LV52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80C52 ISSI-IS80C52 Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51 ISSI-IS80LV51 Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com