Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT373CDCX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ABT373CDCX
Description  Octal Transparent Latch with TRI-STATE Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ABT373CDCX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 74ABT373CDCX Datasheet HTML 2Page - National Semiconductor (TI) 74ABT373CDCX Datasheet HTML 3Page - National Semiconductor (TI) 74ABT373CDCX Datasheet HTML 4Page - National Semiconductor (TI) 74ABT373CDCX Datasheet HTML 5Page - National Semiconductor (TI) 74ABT373CDCX Datasheet HTML 6Page - National Semiconductor (TI) 74ABT373CDCX Datasheet HTML 7Page - National Semiconductor (TI) 74ABT373CDCX Datasheet HTML 8Page - National Semiconductor (TI) 74ABT373CDCX Datasheet HTML 9Page - National Semiconductor (TI) 74ABT373CDCX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Capacitance
Symbol
Parameter
Typ
Units
Conditions
(TA e 25 C)
CIN
Input Capacitance
5
pF
VCC e 0V
COUT (Note 1)
Output Capacitance
9
pF
VCC e 50V
Note 1
COUT is measured at frequency f e 1 MHz per MIL-STD-883B Method 3012
tPLH vs Temperature (TA)
CL e 50 pF 1 Output Switching
Data to Output
TLF11547 – 11
tPHL vs Temperature (TA)
CL e 50 pF 1 Output Switching
Data to Output
TLF11547 – 12
tPZH vs Temperature (TA)
CL e 50 pF 1 Output Switching
OE to Output
TLF11547 – 13
tPZL vs Temperature (TA)
CL e 50 pF 1 Output Switching
OE to Output
TLF11547 – 14
tPHZ vs Temperature (TA)
CL e 50 pF 1 Output Switching
OE to Output
TLF11547 – 15
tPLZ vs Temperature (TA)
CL e 50 pF 1 Output Switching
OE to Output
TLF11547 – 16
Dashed lines represent design characteristics for specified guarantees refer to AC Characteristics Tables
6


Similar Part No. - 74ABT373CDCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT373CMSA FAIRCHILD-74ABT373CMSA Datasheet
133Kb / 11P
   Octal Transparent Latch with 3-STATE Outputs
74ABT373CMSA FAIRCHILD-74ABT373CMSA Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
74ABT373CMTC FAIRCHILD-74ABT373CMTC Datasheet
133Kb / 11P
   Octal Transparent Latch with 3-STATE Outputs
74ABT373CMTC FAIRCHILD-74ABT373CMTC Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
74ABT373CPC FAIRCHILD-74ABT373CPC Datasheet
133Kb / 11P
   Octal Transparent Latch with 3-STATE Outputs
More results

Similar Description - 74ABT373CDCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
JM54AC373BRA TI-JM54AC373BRA Datasheet
211Kb / 12P
[Old version datasheet]   54AC373 54ACT373 Octal Transparent Latch with TRI-STATE Outputs
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com