Electronic Components Datasheet Search |
|
ZLR32300H4808G Datasheet(PDF) 9 Page - Zilog, Inc. |
|
ZLR32300H4808G Datasheet(HTML) 9 Page - Zilog, Inc. |
9 / 98 page CrimzonTM ZLR32300 Product Specification PS022607-1205 Development Features 1 Development Features Table 2 lists the features of ZiLOG®’s CrimzonTM ZLR32300 family members. • Low power consumption–5 mW (typical) • Three standby modes: – STOP—1.4 μA (typical) – HALT—0.5mA (typical) – Low voltage • Special architecture to automate both generation and reception of complex pulses or signals: – One programmable 8-bit counter/timer with two capture registers and two load registers – One programmable 16-bit counter/timer with one 16-bit capture register pair and one 16-bit load register pair – Programmable input glitch filter for pulse reception • Six priority interrupts – Three external – Two assigned to counter/timers – One low-voltage detection interrupt • Low voltage detection and high voltage detection flags • Programmable Watch-Dog Timer/Power-On Reset (WDT/POR) circuits • Two independent comparators with programmable interrupt polarity • Mask selectable pull-up transistors on ports 0, 1, 2, 3 • ROM options – Port 0: 0–3 pull-up transistors – Port 0: 4–7 pull-up transistors – Port 1: 0–3 pull-up transistors – Port 1: 4–7 pull-up transistors – Port 2: 0–7 pull-up transistors Table 2. Features Device ROM (KB) RAM* (Bytes) I/O Lines Voltage Range Crimzon TM ZLR32300 4, 8, 16, 24, 32 237 32, 24 or 16 2.0V–3.6V Note: *General purpose |
Similar Part No. - ZLR32300H4808G |
|
Similar Description - ZLR32300H4808G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |