Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z02215 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z02215
Description  Single Chip Modem with Integrated Controller, Data Pump, and Analog Front End
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z02215 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z02215 Datasheet HTML 5Page - Zilog, Inc. Z02215 Datasheet HTML 6Page - Zilog, Inc. Z02215 Datasheet HTML 7Page - Zilog, Inc. Z02215 Datasheet HTML 8Page - Zilog, Inc. Z02215 Datasheet HTML 9Page - Zilog, Inc. Z02215 Datasheet HTML 10Page - Zilog, Inc. Z02215 Datasheet HTML 11Page - Zilog, Inc. Z02215 Datasheet HTML 12Page - Zilog, Inc. Z02215 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
Z02215
Single Chip Modem with Integrated Controller, Data Pump, and AFE
PS001907-0904
Features
3
General Description
The Z02215 is a synchronous single-chip V.22bis modem capable of 2400 bps
full-duplex over dial-up lines. It is a full-featured, self-controlled modem that
includes a modem controller, DSP, and Analog Front End (AFE) functions. This
device is specifically designed for use in embedded modem applications where
space, performance, and low-power consumption are key requirements.
Operating over the Public Switched Telephone Network (PSTN), the Z02215
meets the modem standards for V.22bis, V.22, V.23 (Minitel), V.21, Bell 212A, Bell
202, Bell 202T, and Bell 103.
A typical modem can be created by simply adding a phone- line interface (DAA),
and DTE interface.
All modulation, demodulation, filtering, Analog to Digital (A/D), and Digital to Ana-
log (D/A) conversion functions for transmission and reception are provided on-
chip. Automatic compromise equalizers are included to optimize performance
over a wide range of line types.
The Z02215 device compensates for a wide variety of adverse line conditions by
using adaptive equalizers.
The Z02215 provides comprehensive selectable and programmable tone genera-
tion and detection.
Transmit drivers and receive amplifiers can be connected directly to a Data
Access Arrangement (DAA) by adding a transformer, or a silicon DAA, reducing
the external circuits to a minimum.
In addition, the Z02215 provides further system-level savings by providing built-in
filters for both the transmitter analog output and the receiver analog Input. This
configuration eliminates the need for external filtering components.
The analog front end of the Z02215 includes an active hybrid circuit that improves
modem performance and reduces system-level costs by reducing the requirement
for external components.
The Z02215 device operates on a single +5 VDC power supply. During periods of
no traffic, the modem can be placed into SLEEP mode, reducing power consump-
tion through Dynamic Power Management.
All signals with an overline, are active Low. For example, B/W,
in which WORD is active Low; and B/W, in which BYTE is
active Low.
Note:


Similar Part No. - Z02215

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z02215ZCO ZILOG-Z02215ZCO Datasheet
66Kb / 6P
   Z02215 MODEM EVALUATION KIT
More results

Similar Description - Z02215

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
   Modem Analog Front End
March 2010
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
logo
Analog Devices
AD8452 AD-AD8452 Datasheet
743Kb / 35P
   Precision Integrated Analog Front End, Controller
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
   Precision Analog Front End and Controller
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
   Advanced modem/audio analog front-end
1998 May 08
UCB1300 PHILIPS-UCB1300 Datasheet
1,022Kb / 56P
   Advanced modem/audio analog front-end
1999 Jul 20
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
   Advanced modem/audio analog front-end
1998 Jul 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com