Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLR32300P2832G Datasheet(PDF) 10 Page - Zilog, Inc.

Part # ZLR32300P2832G
Description  Z8 Low-Voltage ROM MCU with Infrared Timers
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLR32300P2832G Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button ZLR32300P2832G Datasheet HTML 6Page - Zilog, Inc. ZLR32300P2832G Datasheet HTML 7Page - Zilog, Inc. ZLR32300P2832G Datasheet HTML 8Page - Zilog, Inc. ZLR32300P2832G Datasheet HTML 9Page - Zilog, Inc. ZLR32300P2832G Datasheet HTML 10Page - Zilog, Inc. ZLR32300P2832G Datasheet HTML 11Page - Zilog, Inc. ZLR32300P2832G Datasheet HTML 12Page - Zilog, Inc. ZLR32300P2832G Datasheet HTML 13Page - Zilog, Inc. ZLR32300P2832G Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
CrimzonTM ZLR32300
Product Specification
PS022607-1205
General Description
2
Port 3: 0–3 pull-up transistors
WDT enabled at POR
General Description
The CrimzonTM ZLR32300 is an ROM-based member of the MCU family of infra-
red microcontrollers. With 237B of general-purpose RAM and 4KB to 32KB of
ROM, ZiLOG®’s CMOS microcontrollers offer fast-executing, efficient use of
memory, sophisticated interrupts, input/output bit manipulation capabilities, auto-
mated pulse generation/reception, and internal key-scan pull-up transistors.
The CrimzonTM ZLR32300 architecture (Figure 1) is based on ZiLOG’s 8-bit
microcontroller core with an Expanded Register File allowing access to register-
mapped peripherals, input/output (I/O) circuits, and powerful counter/timer cir-
cuitry. The Z8® offers a flexible I/O scheme, an efficient register and address
space structure, and a number of ancillary features that are useful in many con-
sumer, automotive, computer peripheral, and battery-operated hand-held applica-
tions.
There are three basic address spaces available to support a wide range of config-
urations: Program Memory, Register File and Expanded Register File. The regis-
ter file is composed of 256 Bytes (B) of RAM. It includes 4 I/O port registers, 16
control and status registers, and 236 general-purpose registers. The Expanded
Register File consists of two additional register groups (F and D).
To unburden the program from coping with such real-time problems as generating
complex waveforms or receiving and demodulating complex waveform/pulses, the
CrimzonTM ZLR32300 offers a new intelligent counter/timer architecture with 8-bit
and 16-bit counter/timers (see Figure 2). Also included are a large number of
user-selectable modes and two on-board comparators to process analog signals
with separate reference voltages.
All signals with an overline, “ ”, are active Low. For example,
B/W, in which WORD is active Low, and B/W, in which BYTE is
active Low.
Power connections use the conventional descriptions listed in Table 3.
Table 3. Power Connections
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS
Note:


Similar Part No. - ZLR32300P2832G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZLR32300P2832G MAXIM-ZLR32300P2832G Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
More results

Similar Description - ZLR32300P2832G

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR16300 ZILOG-ZLR16300 Datasheet
1Mb / 94P
   Z8 Low Voltage ROM MCUs with Infrared Timers
logo
Maxim Integrated Produc...
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
ZLR16300 MAXIM-ZLR16300 Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
Z86C83 ZILOG-Z86C83 Datasheet
957Kb / 46P
   Z8 MCU MICROCONTROLLERS
Z86C21 ZILOG-Z86C21 Datasheet
413Kb / 35P
   8K ROM Z8 CMOS MICROCONTROLLER
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
   CMOS Z8 16K ROM Microcontroller
Z86C63 ZILOG-Z86C63 Datasheet
143Kb / 17P
   CMOS Z8 32K ROM MICROCONTROLLER
logo
Mosel Vitelic, Corp
MSU2052 MOSEL-MSU2052 Datasheet
117Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2051 MOSEL-MSU2051 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
logo
STMicroelectronics
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com