Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86D990HZ008SC Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z86D990HZ008SC
Description  Low-Voltage Micro controllers with ADC
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D990HZ008SC Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z86D990HZ008SC Datasheet HTML 6Page - Zilog, Inc. Z86D990HZ008SC Datasheet HTML 7Page - Zilog, Inc. Z86D990HZ008SC Datasheet HTML 8Page - Zilog, Inc. Z86D990HZ008SC Datasheet HTML 9Page - Zilog, Inc. Z86D990HZ008SC Datasheet HTML 10Page - Zilog, Inc. Z86D990HZ008SC Datasheet HTML 11Page - Zilog, Inc. Z86D990HZ008SC Datasheet HTML 12Page - Zilog, Inc. Z86D990HZ008SC Datasheet HTML 13Page - Zilog, Inc. Z86D990HZ008SC Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
Z86D990/Z86D991 OTP and Z86L99X ROM
Low-Voltage Microcontrollers with ADC
PS003807-1002
P
R
E
L
I
M
I
N
A
R
Y
3
Three timer interrupts
One low-battery detector flag
Operating Characteristics
8-MHz operation
3.0 V to 5.5 V operating voltage (Z86D990/Z86D991)
2.3 V to 5.5 V operating voltage (Z86L990/Z86L991)
Low power consumption with three standby modes:
Stop
Halt
Low Voltage Standby
Low-battery detection flag
Low-voltage protection circuit (also known as V
BO, or voltage brownout,
circuit)
Watch-dog timer and power-on reset circuits
User-Programmable Option Bits
Clock source—RC/other (LC, resonator, or crystal)
Watch-dog timer permanently enable
32-kHz crystal
Port 20–27 pull-up resistive transistor
Port 40–42 pull-up resistive transistor
Port 44–47 pull-up resistive transistor
Port 50–51 pull-up resistive transistor
Port 54–57 pull-up resistive transistor
Port 60–63 pull-up resistive transistor (not available in Z86D991/Z86L991)
Port 64–67 pull-up resistive transistor (not available in Z86D991/Z86L991)
P43 high impedance in STOP mode (available in OTP only)
Force P43 to output a 1 in the open-drain configuration


Similar Part No. - Z86D990HZ008SC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86D990HZ008SC ZILOG-Z86D990HZ008SC Datasheet
1Mb / 91P
   Low-Voltage Microcontrollers
More results

Similar Description - Z86D990HZ008SC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4261 LINER-LTC4261 Datasheet
370Kb / 32P
   Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
LTC4261 LINER-LTC4261_15 Datasheet
341Kb / 34P
   Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
LTC4261-2 LINER-LTC4261-2_15 Datasheet
341Kb / 34P
   Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
logo
ON Semiconductor
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
   Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
logo
Freescale Semiconductor...
MC68HC11A1CFNE3 FREESCALE-MC68HC11A1CFNE3 Datasheet
3Mb / 52P
   8-Bit Micro controllers
logo
Maxim Integrated Produc...
MAX8737 MAXIM-MAX8737 Datasheet
749Kb / 15P
   Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Rev 0; 5/05
logo
Linear Technology
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1 Datasheet
273Kb / 32P
   Negative Low Voltage Hot Swap Controllers
logo
Supertex, Inc
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com