Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLR16300 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # ZLR16300
Description  Z8 Low Voltage ROM MCUs with Infrared Timers
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLR16300 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button ZLR16300 Datasheet HTML 2Page - Zilog, Inc. ZLR16300 Datasheet HTML 3Page - Zilog, Inc. ZLR16300 Datasheet HTML 4Page - Zilog, Inc. ZLR16300 Datasheet HTML 5Page - Zilog, Inc. ZLR16300 Datasheet HTML 6Page - Zilog, Inc. ZLR16300 Datasheet HTML 7Page - Zilog, Inc. ZLR16300 Datasheet HTML 8Page - Zilog, Inc. ZLR16300 Datasheet HTML 9Page - Zilog, Inc. ZLR16300 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
CrimzonTM ZLR16300
Product Specification
PS021413-1205
List of Figures
vi
Figure 35. Resets and WDT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 36. TC8 Control Register ((0D) 00H: Read/Write Except Where Noted) 61
Figure 37. T8 and T16 Common Control Functions ((0D) 01H: Read/Write) . . 62
Figure 38. T16 Control Register ((0D) 02H: Read/Write Except Where Noted) 63
Figure 39. T8/T16 control Register (0D) 03H: Read/Write (Except Where Noted)
.... . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Figure 40. Voltage Detection Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Figure 41. Port Configuration Register (PCON) ((0F)00H: Write Only)) . . . . . . 66
Figure 42. Stop Mode Recovery Register ((0F) 0BH: D6–D0=Write Only,
D7=Read Only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Figure 43. Stop Mode Recovery Register 2 ((0F) 0DH: D2–D4, D6 Write Only) 68
Figure 44. Watch-Dog Timer Register ((0F) 0FH: Write Only) . . . . . . . . . . . . . 69
Figure 45. Port 2 Mode Register (F6H: Write Only) . . . . . . . . . . . . . . . . . . . . . 69
Figure 46. Port 3 Mode Register (F7H: Write Only) . . . . . . . . . . . . . . . . . . . . . 70
Figure 47. Port 0 Register (F8H: Write Only) . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Figure 48. Interrupt Priority Register (F9H: Write Only) . . . . . . . . . . . . . . . . . . 72
Figure 49. Interrupt Request Register (FAH: Read/Write) . . . . . . . . . . . . . . . . 73
Figure 50. Interrupt Mask Register (FBH: Read/Write) . . . . . . . . . . . . . . . . . . . 73
Figure 51. Flag Register (FCH: Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
Figure 52. Register Pointer (FDH: Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . 74
Figure 53. Stack Pointer High (FEH: Read/Write) . . . . . . . . . . . . . . . . . . . . . . 75
Figure 54. Stack Pointer Low (FFH: Read/Write) . . . . . . . . . . . . . . . . . . . . . . . 75
Figure 55. 20-Pin DIP Package Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
Figure 56. 20-Pin SOIC Package Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
Figure 57. 20-Pin SSOP Package Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Figure 58. 28-Pin SOIC Package Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
Figure 59. 28-Pin DIP Package Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Figure 60. 28-Pin SSOP Package Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
Figure 61. Part Number Description Example . . . . . . . . . . . . . . . . . . . . . . . . . 82


Similar Part No. - ZLR16300

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZLR16300 MAXIM-ZLR16300 Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZLR16300H2001G MAXIM-ZLR16300H2001G Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZLR16300H2002G MAXIM-ZLR16300H2002G Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZLR16300H2004G MAXIM-ZLR16300H2004G Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZLR16300H2008G MAXIM-ZLR16300H2008G Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
More results

Similar Description - ZLR16300

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZLR16300 MAXIM-ZLR16300 Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
Maxim Integrated Produc...
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
Z86C21 ZILOG-Z86C21 Datasheet
413Kb / 35P
   8K ROM Z8 CMOS MICROCONTROLLER
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
   CMOS Z8 16K ROM Microcontroller
Z86C63 ZILOG-Z86C63 Datasheet
143Kb / 17P
   CMOS Z8 32K ROM MICROCONTROLLER
logo
STMicroelectronics
ST6215L STMICROELECTRONICS-ST6215L Datasheet
84Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 28 PINS
ST6200L STMICROELECTRONICS-ST6200L Datasheet
85Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS
ST6208L STMICROELECTRONICS-ST6208L Datasheet
86Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS
logo
Zilog, Inc.
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com