Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZHX1201 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # ZHX1201
Description  SIR UltraSlimTM Transceiver (IrMC)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZHX1201 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button ZHX1201 Datasheet HTML 6Page - Zilog, Inc. ZHX1201 Datasheet HTML 7Page - Zilog, Inc. ZHX1201 Datasheet HTML 8Page - Zilog, Inc. ZHX1201 Datasheet HTML 9Page - Zilog, Inc. ZHX1201 Datasheet HTML 10Page - Zilog, Inc. ZHX1201 Datasheet HTML 11Page - Zilog, Inc. ZHX1201 Datasheet HTML 12Page - Zilog, Inc. ZHX1201 Datasheet HTML 13Page - Zilog, Inc. ZHX1201 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ZHX1201
SIR UltraSlim Transceiver (IrMC)
PS015207-0104
P
R
E
L
I
M
I
N
A
R
Y
6
This component is susceptible to damage from electrostatic
discharge (ESD). To prevent damage and/or degradation
that might be induced by ESD, use normal static
precautions in handling and assembly of this component.
TxD must be held low during the transition from shutdown to
active to ensure that the circuitry is properly set to
communicate.
RxD rise/fall time
TR, TF
Cload=25 pF
40
100
ns
10% and 90%
RxD pulse width
tPWA
SIR<115.2 Kbps
1.0
5
µs
Input pulse=1.6
µs; rise/fall
time<600 ns
RxD pulse width,
alternate 3/16
th of
pulse duration. See
IrDA Physical Layer
specs.
tPWA
SIR<115.2 Kbps
1.2
90
µs
Input pulse=78
µs (3/16*(1/
2400))
Power shutdown
time
TSD
0.1
200
µs
Startup time
TSTU
200
µs
Latency
TRRT
150
µs
LED protection
timeout
105
180
270
µsProtects LED
when TxD is left
high
Trans. radiant
intensity
IE
ILED=40 mA
3.6
72
mW/sr
θh, θv<(+15°)
Threshold irradiance Eemin
VCC=3.3 V
9
µW/cm2 θh, θv<(+15°)
Input irradiance
Eemax
VCC=3.3 V
500
mW/cm
2
θh, θv<(+15°)
Angle of half
intensity
θ
20
°
Hor. and vert.
Peak wavelength
λρ
870
nm
Unless otherwise noted: VCC=3.3 V, GND=0 V, TA=25 °C
Table 4. Electrical Characteristics (Continued)
Parameter
Symbol Condition
Min
Typical
Max
Unit
Remarks
Caution:
Note:


Similar Part No. - ZHX1201

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZHX1203 ZILOG-ZHX1203 Datasheet
588Kb / 16P
   SIR UltraSlim Transceiver (IrMC)
More results

Similar Description - ZHX1201

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZHX1203 ZILOG-ZHX1203 Datasheet
588Kb / 16P
   SIR UltraSlim Transceiver (IrMC)
ZHX1000 ZILOG-ZHX1000 Datasheet
525Kb / 18P
   SIR Transceiver
ZHX1810 ZILOG-ZHX1810 Datasheet
892Kb / 20P
   Slim Series SIR Transceiver
ZHC1810 ZILOG-ZHC1810 Datasheet
861Kb / 22P
   Slim Series SIR Transceiver
logo
TEMIC Semiconductors
TFDS3000 TEMIC-TFDS3000 Datasheet
221Kb / 10P
   Integrated Infrared Transceiver Module IrDA (SIR)
logo
Zilog, Inc.
ZHX1820 ZILOG-ZHX1820 Datasheet
800Kb / 22P
   Slim Series SIR Top Look Transceiver
logo
Vishay Siliconix
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com