Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86D7308HSC Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 4Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 5Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 6Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 7Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 8Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 9Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 10Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 11Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
2
Oscillator operational mode: normal high-frequency operation enabled or
32-KHz operation enabled
Port 0: 0–3 pull-ups
Port 0: 4–7 pull-ups
Port 1: 0–3 pull-ups
Port 1: 4–7 pull-ups
Port 2: 0–7 pull-ups
Port 0: 0–3 mouse mode: normal mode (.5VDD input threshold) versus
mouse mode (.4VDD input threshold)
The mask option pull-up transistor has a typical equivalent
resistance of 200 K
Ω ±50% at V
CC=3 V and 450 KΩ ±50% at
VCC=2 V.
General Description
The Z86D73 is an OTP-based member of the MCU family of IR (infrared) micro-
controllers. With 237 bytes of general-purpose RAM and 32 KB of ROM, ZiLOG’s
CMOS microcontrollers offer fast executing, efficient use of memory, sophisticated
interrupts, input/output bit manipulation capabilities, automated pulse generation/
reception, and internal key-scan pull-up transistors.
The Z86D73 architecture is based on ZiLOG’s 8-bit microcontroller core with an
Expanded Register File to allow access to register-mapped peripherals, input/out-
put (I/O) circuits, and powerful counter/timer circuitry. The Z8 offers a flexible I/O
scheme, an efficient register and address space structure, and a number of ancil-
lary features that are useful in many consumer, automotive, computer peripheral,
and battery-operated hand-held applications.
There are four basic address spaces available to support a wide range of configu-
rations: Program Memory, Register File, Expanded Register File, and External
Memory. The register file is composed of 256 bytes of RAM. It includes 4 I/O port
registers, 16 control and status registers, and 236 general-purpose registers. The
Expanded Register File consists of two additional register groups (F and D).
To unburden the program from coping with such real-time problems as generating
complex waveforms or receiving and demodulating complex waveform/pulses, the
Z86D73 offers a new intelligent counter/timer architecture with 8-bit and
16-bit counter/timers (see Figure 1). Also included are a large number of user-
selectable modes and two on-board comparators to process analog signals with
separate reference voltages (see Figure 2).
Note:


Similar Part No. - Z86D7308HSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86D86 ZILOG-Z86D86 Datasheet
912Kb / 80P
   28-Pin Low-Voltage OTP Microcontroller
Z86D8608PSC ZILOG-Z86D8608PSC Datasheet
912Kb / 80P
   28-Pin Low-Voltage OTP Microcontroller
Z86D99 ZILOG-Z86D99 Datasheet
1Mb / 102P
   Low-Voltage Micro controllers with ADC
Z86D99 ZILOG-Z86D99 Datasheet
1Mb / 91P
   Low-Voltage Microcontrollers
Z86D990 ZILOG-Z86D990 Datasheet
1Mb / 102P
   Low-Voltage Micro controllers with ADC
More results

Similar Description - Z86D7308HSC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F15356 MICROCHIP-PIC16F15356 Datasheet
8Mb / 605P
   Full-Featured 28/40/44/48-Pin Microcontrollers
10/25/17
PIC16F19155 MICROCHIP-PIC16F19155 Datasheet
11Mb / 754P
   Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
PIC18F27Q43 MICROCHIP-PIC18F27Q43 Datasheet
11Mb / 950P
   28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology
2019-2021
PIC18F26 MICROCHIP-PIC18F26 Datasheet
8Mb / 808P
   28/40/44/48-Pin, Low-Power High-Performance Microcontrollers with XLP Technology
10/25/17
PIC18F27Q84 MICROCHIP-PIC18F27Q84 Datasheet
14Mb / 1146P
   28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology
2021
PIC18F26Q43 MICROCHIP-PIC18F26Q43 Datasheet
11Mb / 950P
   28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology
Rev E 05/2021
PIC18F27 MICROCHIP-PIC18F27 Datasheet
13Mb / 1140P
   28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology
Rev.E 12/2021
PIC18F25Q43 MICROCHIP-PIC18F25Q43 Datasheet
11Mb / 950P
   28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology
Rev.E 05/2021
logo
Zilog, Inc.
Z86D86 ZILOG-Z86D86 Datasheet
912Kb / 80P
   28-Pin Low-Voltage OTP Microcontroller
Z86L825 ZILOG-Z86L825 Datasheet
875Kb / 79P
   20-Pin Low-Voltage IR Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com