Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86D86 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z86D86
Description  28-Pin Low-Voltage OTP Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D86 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z86D86 Datasheet HTML 5Page - Zilog, Inc. Z86D86 Datasheet HTML 6Page - Zilog, Inc. Z86D86 Datasheet HTML 7Page - Zilog, Inc. Z86D86 Datasheet HTML 8Page - Zilog, Inc. Z86D86 Datasheet HTML 9Page - Zilog, Inc. Z86D86 Datasheet HTML 10Page - Zilog, Inc. Z86D86 Datasheet HTML 11Page - Zilog, Inc. Z86D86 Datasheet HTML 12Page - Zilog, Inc. Z86D86 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
Z86D86
28-Pin Low-Voltage OTP Microcontroller
PS008905-0105
P
R
E
L
I
M
I
N
A
R
Y
1
Features
Table 1 shows some of the features of the Z86D86 microcontroller.
Low Power Consumption–40 mW (Typical)
Three Standby Modes
STOP—2 µA
HALT—0.8 mA
Low Voltage
Special Architecture to Automate Both Generation and Reception of Complex
Pulses or Signals:
One Programmable 8-Bit Counter/Timer with Two Capture Registers and
Two Load Registers
One Programmable 16-Bit Counter/Timer with One 16-Bit Capture
Register Pair and One 16-Bit Load Register Pair
Programmable Input Glitch Filter for Pulse Reception
Six Priority Interrupts
Three External
Two Assigned to Counter/Timers
One Low Battery Detection Interrupt
Low Battery Detection with Flag
Programmable Watch-Dog/Power-On Reset Circuits
Two Independent Comparators with Programmable Interrupt Polarity
Mask Selectable 200±50% KTransistor Pull-Ups on Ports 0, 2.
Programmable OTP Options:
Oscillator Selection: RC Oscillator vs. Crystal or Other Clock Source
Table 1. Z86D86 Features
Device
ROM (KB)
RAM* (Bytes)
I/O Lines
Voltage Range
Z86D86
32
237
23
2.3 V to 5.5 V
Note: *General purpose


Similar Part No. - Z86D86

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86D73 ZILOG-Z86D73 Datasheet
1Mb / 92P
   40/44/48-Pin Low-Voltage IR OTP
Z86D7308FSC ZILOG-Z86D7308FSC Datasheet
1Mb / 92P
   40/44/48-Pin Low-Voltage IR OTP
Z86D7308HSC ZILOG-Z86D7308HSC Datasheet
1Mb / 92P
   40/44/48-Pin Low-Voltage IR OTP
Z86D7308PSC ZILOG-Z86D7308PSC Datasheet
1Mb / 92P
   40/44/48-Pin Low-Voltage IR OTP
Z86D7308VSC ZILOG-Z86D7308VSC Datasheet
1Mb / 92P
   40/44/48-Pin Low-Voltage IR OTP
More results

Similar Description - Z86D86

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPMC802B ETC-SPMC802B Datasheet
1Mb / 27P
   32-pin General Purpose Microcontroller (OTP)
logo
NXP Semiconductors
P87LPC759 PHILIPS-P87LPC759 Datasheet
168Kb / 38P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 21
87LPC762 PHILIPS-87LPC762 Datasheet
312Kb / 57P
   Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
P87LPC761 PHILIPS-P87LPC761 Datasheet
299Kb / 58P
   Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
2002 Mar 07
P87LPC764BN112 PHILIPS-P87LPC764BN112 Datasheet
329Kb / 60P
   Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
P87LPC764 PHILIPS-P87LPC764 Datasheet
322Kb / 60P
   Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
87LPC764 PHILIPS-87LPC764 Datasheet
307Kb / 56P
   Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
2001 Oct 26
P87LPC760 PHILIPS-P87LPC760 Datasheet
290Kb / 56P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 07
logo
Maxim Integrated Produc...
Z86L82 MAXIM-Z86L82 Datasheet
443Kb / 78P
   28-Pin Low-Voltage IR Microcontrollers
Rev 0; 4/09
Z86L81 MAXIM-Z86L81 Datasheet
525Kb / 88P
   28-Pin Low-Voltage Infrared Microcontrollers
Rev 0; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com