Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7195 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AN7195
Description  Dual 15 W BTL power IC for car audio
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7195 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AN7195 Datasheet HTML 4Page - Panasonic Semiconductor AN7195 Datasheet HTML 5Page - Panasonic Semiconductor AN7195 Datasheet HTML 6Page - Panasonic Semiconductor AN7195 Datasheet HTML 7Page - Panasonic Semiconductor AN7195 Datasheet HTML 8Page - Panasonic Semiconductor AN7195 Datasheet HTML 9Page - Panasonic Semiconductor AN7195 Datasheet HTML 10Page - Panasonic Semiconductor AN7195 Datasheet HTML 11Page - Panasonic Semiconductor AN7195 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AN7195K
ICs for Audio Common Use
10
s Technical Information (continued)
[2] Application note (continued)
8. Mute Function
1) The mute-on/off is possible by making pin 7 (the muting terminal) high or low.
2) The muting circuit is as shown in figure 6. The amplifier gain including attenuator block is given in the
following equation :
GV =
I1 × 50
I2
Original gain
From the above equation, the amplifier gain can be made as 0 time by setting I1 at 0 mA at muting.
3) The threshold voltage of VMUTE is as follows :
Mute-off : approx. 1 V or less
Mute-on : approx. 3 V or more
Figure 6
4) Attack time and recovery time can be changed by the external CR of pin 7. For recommended circuits (In
figure 6 4.7 k
Ω,10 µF), the above mentioned times are as follows :
Attack time
: Approx. 30 ms
Recovery time : Approx. 40 ms
However, the control voltage of VMUTE is assumed to be 5 V. When it is not directly controlled by
microcomputer (5 V), (that is, 13.2 V separate power supply), it is necessary to change CR values because the
above times change.
5) When the attack time and recovery time are set at 20 ms or less, pay attention to the IC with larger output
offset because it may release the shock noise.
9. Voltage gain
The voltage gain is fixed at 40 dB and can not be changed by the addition of an external resistor.
5 k
7
4.7 k
5 V
0 V
10
µF
I2
I1
I2
I1
I1 = approx.120 µA
I2 = approx.120 µA
Output stage
Input
Output stage
Attenuator block
VMUTE
Mute/off
Mute/on


Similar Part No. - AN7195

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7195 PANASONIC-AN7195 Datasheet
100Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7195Z PANASONIC-AN7195Z Datasheet
100Kb / 12P
   Dual 15 W BTL power IC for car audio
More results

Similar Description - AN7195

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7195Z PANASONIC-AN7195Z Datasheet
100Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7196K PANASONIC-AN7196K Datasheet
50Kb / 5P
   Dual 15 W BTL power IC for car audio
AN7196Z PANASONIC-AN7196Z Datasheet
101Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7199Z PANASONIC-AN7199Z Datasheet
131Kb / 17P
   Dual 20 W BTL power IC for car audio
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
   Dual 20 W BTL Power IC for Car Audio
AN7551Z PANASONIC-AN7551Z Datasheet
100Kb / 11P
   Power IC for BTL car audio
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
   BTL output power IC for car audio
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
   BTL output power IC for car audio
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
   BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
109Kb / 10P
   BTL output power IC for car audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com