Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z90251 Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z90251
Description  Z90255 ROM and Z90251 OTP 32 KB Television Controller with OSD
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z90251 Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z90251 Datasheet HTML 7Page - Zilog, Inc. Z90251 Datasheet HTML 8Page - Zilog, Inc. Z90251 Datasheet HTML 9Page - Zilog, Inc. Z90251 Datasheet HTML 10Page - Zilog, Inc. Z90251 Datasheet HTML 11Page - Zilog, Inc. Z90251 Datasheet HTML 12Page - Zilog, Inc. Z90251 Datasheet HTML 13Page - Zilog, Inc. Z90251 Datasheet HTML 14Page - Zilog, Inc. Z90251 Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
Z90255 ROM and Z90251 OTP
32 KB Television Controller with OSD
PS001301-0800
3
Figure 2
Z90255 Block Diagram
PWM 6 can be either a 6-bit or 14-bit output.
The Z90255 takes full advantage of ZilogÕs Z8 expanded register file space to
offer greater flexibility in creating a user-friendly On-Screen Display (OSD).
Three basic addressing spaces are available: Program memory, Video RAM
(VRAM) and the Register file. The register file is composed of 300 bytes of
general-purpose registers, 16 control and status registers, one I/O port register
and three reserved registers.
RESET
Oscillator
WDT
Counter
Timer
Counter
Timer
4-Bit
ADC
IR
Counter
Port 6
300 Byte
Register File
Port 2
18 KB by 7-Bit
Character
PWM 11 & 6
PWM 1
to
PWM 10
(14-bit)
(6-bit)
XTAL1
XTAL2
RESET
ADC0
ADC1
ADC2
ADC3
IRIN
P60
P61
P62
P63
P21
P22
P23
P24
P25
P26
P27
P20
PWM11
PWM1
PWM2
PWM3
PWM4
PWM5
PWM6
PWM8
PWM9
PWM10
SCLK0
SDATA0
I
2
C
P50
P51
P52
P53
P54
P55
P56
Port 5
Interface
SCLK1
SDATA1
ROM or OTP
PWM7
240 x 12-Bit
Character RAM
& 10 x 8-Bit
32 KB
Program ROM
Microprocessor
Core
or
32 KB
Program OTP
Internal
On-Screen
Display
OSDX1
OSDX2
HSYNC
VSYNC
R
G
B
VBLANK
HLFTN
Port 4
P40
P41
P42
P43
P44
P45
P46
P47
PWM6
Note:


Similar Part No. - Z90251

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z90251 ZILOG-Z90251 Datasheet
317Kb / 19P
   eZVision 200 Television Controllers with OSD
More results

Similar Description - Z90251

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z90251 ZILOG-Z90251 Datasheet
317Kb / 19P
   eZVision 200 Television Controllers with OSD
Z9023106FSC ZILOG-Z9023106FSC Datasheet
328Kb / 19P
   eZVision 200 Television Controllers with OSD
logo
Generalplus Technology ...
GPCL171A GENERALPLUS-GPCL171A Datasheet
276Kb / 15P
   Low Power Sound Controller with 512KB OTP ROM
GPCH8001B GENERALPLUS-GPCH8001B Datasheet
442Kb / 22P
   8-Channel Sound Controller with 512 KB OTP
GPM6P1816A GENERALPLUS-GPM6P1816A Datasheet
2Mb / 63P
   48-pin Remote Controller with 16KB OTP ROM
GPL812P02A GENERALPLUS-GPL812P02A Datasheet
537Kb / 14P
   Low Power 128 Dots LCD Controller with 16KB OTP ROM
logo
ELAN Microelectronics C...
EM78P417N EMC-EM78P417N Datasheet
1Mb / 84P
   8-Bit Microprocessor with OTP ROM
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P330 EMC-EM78P330 Datasheet
1,020Kb / 112P
   8-Bit Microprocessor with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com