Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z90233 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z90233
Description  eZVision 200 Television Controllers with OSD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z90233 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z90233 Datasheet HTML 4Page - Zilog, Inc. Z90233 Datasheet HTML 5Page - Zilog, Inc. Z90233 Datasheet HTML 6Page - Zilog, Inc. Z90233 Datasheet HTML 7Page - Zilog, Inc. Z90233 Datasheet HTML 8Page - Zilog, Inc. Z90233 Datasheet HTML 9Page - Zilog, Inc. Z90233 Datasheet HTML 10Page - Zilog, Inc. Z90233 Datasheet HTML 11Page - Zilog, Inc. Z90233 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Z90255 ROM and Z90251 OTP
32 KB Television Controller with OSD
PS001301-0800
vi
37
Master I2C Data Register 0Ah: Bank C (I2C_DATA) ............................... 55
38
Master I
2C Bus Interface Commands ....................................................... 56
39
Port configuration Register 00h: Bank F (PCON) ..................................... 57
40
Port 2 Mode Register F6h: P2M ............................................................... 58
41
Port 2 Data Register 02h: P2 .................................................................... 58
42
Port 4 Pin-Out Selection Register 08h: Bank C (PIN_SLT) ...................... 59
43
Port 4 Data Register 05h: Bank C (PRT4_DTA)....................................... 60
44
Port 4 Direction Control Register 06h: Bank C (PRT4_DRT) ................... 61
45
PWM Mode Register 0Dh: Bank B (P_MODE) ......................................... 62
46
Port 5 Data Register 0Ch: Bank B (PRT5_DTA) ...................................... 62
47
Port 5 Direction Control Register 0Eh: Bank B (PRT5_DRT) ................... 63
48
Port 6 Data Register 03h: Bank F (PRT6_DTA) ........................................ 63
49
Port 6 Direction Control Register 02h: Bank F (PRT6_DRT) .................... 64
50
Timer Control Register 0 01h: Bank C (TCR0) ......................................... 65
51
Timer Control Register 1 02h: Bank C (TCR1) ......................................... 66
52
IR Capture Register 0 03h: Bank C (IR_CP0) .......................................... 67
53
IR Capture Register 1 04h: Bank C (IR_CP1) .......................................... 68
54
PWM Mode Register 0Dh: Bank B (P_MODE)......................................... 68
55
Port 4 Pin-Out Selection Register 08h: Bank C (PIN_SLT) ...................... 69
56
PWM 1 Data Register 02h: Bank B (PWM1) ............................................ 73
57
PWM 2 Data Register 03h: Bank B (PWM2) ............................................ 73
58
PWM 3 Data Register 04h: Bank B (PWM3) ............................................ 73
59
PWM 4 Data Register 05h:Bank B (PWM4) ............................................. 74
60
PWM 5 Data Register 06h: Bank B (PWM5) ............................................ 74
61
PWM 6 (6-bit)Data Register 07h: Bank B (PWM6)................................... 75
62
PWM 7 Data Register 08h: Bank B (PWM7) ............................................ 75
63
PWM 8 Data Register 09h: Bank B (PWM8) ............................................ 75
64
PWM 9 Data Register 0Ah: Bank B (PWM9) ............................................ 76
65
PWM 10 Data Register 0Bh: Bank B (PWM10)........................................ 76
66
PWM 6 (14-bit) High Data Register 08h: Bank F (PWM6H) ..................... 77
67
PWM 6 (14-bit) Low Data Register 09h: Bank F (PWM6L) ...................... 77
68
PWM 11 High Data Register 00h: Bank B (PWM11H) ............................. 77
69
PWM 11 Low Data Register 01h: Bank B (PWM11L) ............................... 78
70
3-Bit ADC Data Register 00h: Bank C (3ADC_DTA)................................ 81
71
4-Bit ADC Data Register 01h: Bank F (4ADC_DTA) ................................ 81
72
Operational Limits ..................................................................................... 83
73
DC Characteristics.................................................................................... 84
74
AC Characteristics .................................................................................... 85
75
Package Dimensions ................................................................................ 87


Similar Part No. - Z90233

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z90233 ZILOG-Z90233 Datasheet
128Kb / 9P
   Z8 DIGITAL TELEVISION CONTROLLERS
Z90233 ZILOG-Z90233 Datasheet
328Kb / 19P
   eZVision 200 Television Controllers with OSD
More results

Similar Description - Z90233

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z9023106FSC ZILOG-Z9023106FSC Datasheet
328Kb / 19P
   eZVision 200 Television Controllers with OSD
Z90209 ZILOG-Z90209 Datasheet
59Kb / 2P
   TELEVISION CONTROLLERS
Z90231 ZILOG-Z90231 Datasheet
128Kb / 9P
   Z8 DIGITAL TELEVISION CONTROLLERS
Z90251 ZILOG-Z90251 Datasheet
518Kb / 97P
   Z90255 ROM and Z90251 OTP 32 KB Television Controller with OSD
logo
National Semiconductor ...
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
List of Unclassifed Man...
WT6802 ETC-WT6802 Datasheet
143Kb / 5P
   Monitor OSD with Auto-calibration
logo
Mitsumi Electronics, Co...
MM1381 MITSUMI-MM1381 Datasheet
268Kb / 10P
   RGB Video Amplifier with OSD Input
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
NXP Semiconductors
PCA8515 PHILIPS-PCA8515 Datasheet
405Kb / 64P
   Stand-alone OSD
1995 Jan 19
logo
Toshiba Semiconductor
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com