Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8922320VEC Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z8922320VEC
Description  16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8922320VEC Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z8922320VEC Datasheet HTML 3Page - Zilog, Inc. Z8922320VEC Datasheet HTML 4Page - Zilog, Inc. Z8922320VEC Datasheet HTML 5Page - Zilog, Inc. Z8922320VEC Datasheet HTML 6Page - Zilog, Inc. Z8922320VEC Datasheet HTML 7Page - Zilog, Inc. Z8922320VEC Datasheet HTML 8Page - Zilog, Inc. Z8922320VEC Datasheet HTML 9Page - Zilog, Inc. Z8922320VEC Datasheet HTML 10Page - Zilog, Inc. Z8922320VEC Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Z89223/273/323/373
ZiLOG
16-Bit Digital Signal Processors with A/D Converter
DS000202-DSP0599
7
Table 1. 44-Pin PLCC Z89223/273 Pin Description
No Symbol
Function
Direction
No Symbol
Function
Direction
1
P2.0/INT0
Port 2.0/Interrupt 0
Input/Output
23
AN2
A/D Input 2
Input
2
ED12/P0.12
External Data Bus/Port0
Input/Output
24
AN3
A/D Input 3
Input
3
ED13/P0.13
External Data Bus/Port0
Input/Output
25
P2.1/INT1
Port 2.1/Interrupt 1
Input/Output
4
ED14/P0.14
External Data Bus/Port0
Input/Output
26
AVCC
Analog Power
5VSS
Ground
27
VDD
Power Supply
6
ED15/P0.15
External Data Bus/Port0
Input/Output
28
RD/WR
R/W External Bus
Output
7
ED3/P0.3
External Data Bus/Port0
Input/Output
29
EA0
Ext Address 0
Output
8
ED4/P0.4
External Data Bus/Port0
Input/Output
30
EA1
Ext Address 1
Output
9VSS
Ground
31
EA2
Ext Address 2
Output
10
ED5/P0.5
External Data Bus/Port0
Input/Output
32
P2.3/TMO1
Port 2.3/Timer Output 1
Input/Output
11
ED6/P0.6
External Data Bus/Port0
Input/Output
33
DS
Ext Data Strobe
Output
12
ED7/P0.7
External Data Bus/Port0
Input/Output
34
P2.4/WAIT
Port 2.4/Wait for ED
Input/Output
13
ED8/P0.8
External Data Bus/Port0
Input/Output
35
CLKI
Clock/Crystal In
Input
14
ED9/P0.9
External Data Bus/Port0
Input/Output
36
CLKO
Clock/Crystal Out
Output
15
VSS
Ground
37
P2.2/TMO0
Port 2.2/Timer Output 0
Input/Output
16
ED10/P0.10
External Data Bus/Port0
Input/Output
38
LPF
PLL Low Pass Filter
Input
17
ED11/P0.11
External Data Bus/Port0
Input/Output
39
RESET
Reset
Input
18
VAHI
Analog High Ref. Voltage
Input
40
VDD
Power
19
VALO
Analog Low Ref. Voltage
Input
41
ED0/P0.0
External Data Bus/Port0
Input/Output
20
AGND
Analog Ground
42
ED1/P0.1
External Data Bus/Port0
Input/Output
21
AN0
A/D Input 0
Input
43
ED2/P0.2
External Data Bus/Port0
Input/Output
22
AN1
A/D Input 1
Input
44
VSS
Ground


Similar Part No. - Z8922320VEC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89223 ZILOG-Z89223 Datasheet
145Kb / 4P
   Z89273 ACCESSORY KIT
More results

Similar Description - Z8922320VEC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8927320VSC ZILOG-Z8927320VSC Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z8927320VSG ZILOG-Z8927320VSG Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z89323 ZILOG-Z89323 Datasheet
514Kb / 61P
   16-BIT DIGITAL SIGNAL PROCESSORS
Z89321 ZILOG-Z89321 Datasheet
299Kb / 40P
   16-Bit Digital Signal Processors
Z8932120PSC ZILOG-Z8932120PSC Datasheet
299Kb / 40P
   16-BIT DIGITAL SIGNAL PROCESSORS
logo
NEC
UPD77110 NEC-UPD77110 Datasheet
451Kb / 80P
   16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
logo
Sanyo Semicon Device
LC78836M SANYO-LC78836M Datasheet
348Kb / 12P
   Digital Audio 16-Bit D/A Converter with On-Chip Digital Filters?
LC78833M SANYO-LC78833M Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com