Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR01H224 Datasheet(PDF) 3 Page - International Rectifier

Part # IR01H224
Description  HIGH VOLTAGE HALF BRIDGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR01H224 Datasheet(HTML) 3 Page - International Rectifier

  IR01H224 Datasheet HTML 1Page - International Rectifier IR01H224 Datasheet HTML 2Page - International Rectifier IR01H224 Datasheet HTML 3Page - International Rectifier IR01H224 Datasheet HTML 4Page - International Rectifier IR01H224 Datasheet HTML 5Page - International Rectifier IR01H224 Datasheet HTML 6Page - International Rectifier IR01H224 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
IR01H(D)214 / IR01H(D)214-P2
IR01H(D)224 / IR01H(D)224-P2
IR01H(D)420 / IR01H(D)420-P2
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the
recommended conditions.
Symbol
Definition
Min.
Max.
Units
VB
High Side Floating Supply Absolute Voltage
VO + 10
VO + 20
V
VIN
High Voltage Supply
214/224
250
V
420
500
VO
Half-Bridge Output Voltage
214/224
(note 1)
250
V
420
500
VCC
Low Side and Logic Fixed Supply Voltage
10
20
V
VIH/VIL
Logic Input Voltage (HIN & LIN)
0
VCC
V
TA
Ambient Temperature
-40
125
oC
Id
Continuous Drain Current (TA = 25
oC)
214
0.85
A
214-P2
1.4
224
1.1
224-P2
1.9
420
0.7
420-P2
1.1
(TA = 85
oC)
214
0.55
A
214-P2
0.9
224
0.7
224-P2
1.4
420
0.5
420-P2
0.8
(TC = 25
oC)
214-P2
1.7
224-P2
2.3
420-P2
1.4
Note 1:
Logic operational for VO of -5 to 250V (214/224) and 500V (420).
Logic state held for V0 of -5 to -V
B
A
V


Similar Part No. - IR01H224

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IR02ER100K VISHAY-IR02ER100K Datasheet
175Kb / 4P
   Inductors Epoxy Conformal Coated Uniform Roll Coated
Revision: 31-Jan-06
logo
International Rectifier
IR02H420 IRF-IR02H420 Datasheet
83Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
logo
New Jersey Semi-Conduct...
IR03909 NJSEMI-IR03909 Datasheet
89Kb / 1P
   Rectifiers Fast Recovery
logo
International Rectifier
IR03H420 IRF-IR03H420 Datasheet
59Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
IR04H420 IRF-IR04H420 Datasheet
61Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
More results

Similar Description - IR01H224

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR03H420 IRF-IR03H420 Datasheet
59Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
IR062HD4C10U-P2 IRF-IR062HD4C10U-P2 Datasheet
50Kb / 7P
   HIGH VOLTAGE HALF BRIDGE
IR04H420 IRF-IR04H420 Datasheet
61Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
IR02H420 IRF-IR02H420 Datasheet
83Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com