Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8PE003SZ010EC Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z8PE003SZ010EC
Description  FEATURE-ENHANCED Z8PLUS 1K ROM ONE-TIME PROGRAMMABLE (OTP) MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8PE003SZ010EC Datasheet(HTML) 2 Page - Zilog, Inc.

  Z8PE003SZ010EC Datasheet HTML 1Page - Zilog, Inc. Z8PE003SZ010EC Datasheet HTML 2Page - Zilog, Inc. Z8PE003SZ010EC Datasheet HTML 3Page - Zilog, Inc. Z8PE003SZ010EC Datasheet HTML 4Page - Zilog, Inc. Z8PE003SZ010EC Datasheet HTML 5Page - Zilog, Inc. Z8PE003SZ010EC Datasheet HTML 6Page - Zilog, Inc. Z8PE003SZ010EC Datasheet HTML 7Page - Zilog, Inc. Z8PE003SZ010EC Datasheet HTML 8Page - Zilog, Inc. Z8PE003SZ010EC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Z8PE003
Z8Plus OTP Microcontroller
ZiLOG
2
P R E L I M I N A R Y
DS007500-Z8X0399
GENERAL DESCRIPTION (Continued)
Both the 8-bit and 16-bit on-chip timers, with several user-
selectable modes, administer real-time tasks such as count-
ing/timing and I/O data communications.
Note: All signals with an overline are active Low. For exam-
ple, B/
W, in which WORD is active Low; and B/W, in
which BYTE is active Low.
Power connections follow conventional descriptions
below:
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS
Figure 1. Functional Block Diagram
Two 8-Bit Timers
or One 16-Bit
PWM Timer
One 16-Bit
Standard Timer
Interrupt
Control
One Analog
Comparator
Port A
I/O
ALU
FLAGS
WDT
Register
Pointer
RAM
Register File
Machine
Timing
OTP Program
Memory
Program
Counter
GND
XTAL
Port B
POR &
I/O
VCC
BO
V


Similar Part No. - Z8PE003SZ010EC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Z8PE003SZ010SC ETC-Z8PE003SZ010SC Datasheet
69Kb / 1P
   electronics
More results

Similar Description - Z8PE003SZ010EC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8PE002 ZILOG-Z8PE002 Datasheet
608Kb / 48P
   FEATURE-ENHANCED Z8PLUS 0.5K ROM ONE-TIME PROGRAMMABLE(OTP) MICROCONTROLLER
logo
National Semiconductor ...
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
logo
OKI electronic componet...
MSM66P54 OKI-MSM66P54 Datasheet
298Kb / 22P
   One-Time Programmable (OTP) Speech Synthesizer
logo
National Semiconductor ...
COP8SA NSC-COP8SA_00 Datasheet
777Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
logo
Texas Instruments
COP8SAA5 TI-COP8SAA5 Datasheet
820Kb / 62P
[Old version datasheet]   8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
logo
National Semiconductor ...
COP8SA NSC-COP8SA Datasheet
787Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
STMicroelectronics
ST27128AP STMICROELECTRONICS-ST27128AP Datasheet
570Kb / 10P
   128K (16Kx8) NMOS ONE TIME PROGRAMMABLE ROM
JUNE 1988
logo
Zilog, Inc.
Z8E000 ZILOG-Z8E000 Datasheet
547Kb / 45P
   FEATURE-RICH Z8 PLUS ONE-TIME-PROGRAMMABLE MICROCONTRONLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com