Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8PE003PZ010EC Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z8PE003PZ010EC
Description  FEATURE-ENHANCED Z8PLUS 1K ROM ONE-TIME PROGRAMMABLE (OTP) MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8PE003PZ010EC Datasheet(HTML) 1 Page - Zilog, Inc.

  Z8PE003PZ010EC Datasheet HTML 1Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 2Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 3Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 4Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 5Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 6Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 7Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 8Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
DS007500-Z8X0399
*This document is considered preliminary until the completion of full characterization.
PRELIMINARY PRODUCT SPECIFICATION*
Z8PE003
FEATURE-ENHANCED Z8PLUS 1K
ROM ONE-TIME PROGRAMMABLE
(OTP) MICROCONTROLLER
FEATURES
Microcontroller Core Features
All Instructions Execute in one 1-µs Instruction Cycle
with a 10-MHz Crystal
1K x 8 On-Chip OTP EPROM Memory
64 x 8 General-Purpose Registers (SRAM)
Six Vectored Interrupts with Fixed Priority
Operating Speed: DC–10 MHz
Six Addressing Modes: R, IR, X, D, RA, and IM
Peripheral Features
14 Total Input/Output Pins
One 8-Bit I/O Port (Port A)
I/O Bit Programmable
Each Bit Programmable as Push-Pull or Open-Drain
One 6-Bit I/O Port (Port B)
I/O Bit Programmable
Includes Special Functionality: Stop-Mode Re-
covery Input, Comparator Inputs, Selectable Edge
Interrupts, and Timer Output
One Analog Comparator
16-Bit Programmable Watch-Dog Timer (WDT)
Software Programmable Timers Configurable as:
Two 8-Bit Standard Timers and One 16-Bit Stan-
dard Timer
One 16-Bit Standard Timer and One 16-Bit Pulse
Width Modulator (PWM) Timer
Additional Features
On-Chip Oscillator that accepts External Crystal
(XTAL), Ceramic Resonator, Inductor Capacitor (LC),
or External Clocks
External Resistor Capacitor (RC), an Oscillator Option
Voltage Brown-Out/Power-On Reset (VBO/POR)
Programmable Options:
EPROM Protect
RC
Oscillator
Power Reduction Modes:
HALT
Mode with Peripheral Units Active
STOP
Mode for Minimum Power Dissipation
CMOS/Technology Features
Low-Power Consumption
3.0V to 5.5V Operating Range @ 0
°C to +70°C
4.5V to 5.5V Operating Range @ –40
°C to +105°C
18-Pin DIP, SOIC, and 20-Pin SSOP Packages
GENERAL DESCRIPTION
The Z8PE003 is the newest member of the Z8Plus Micro-
processor (MPU) family. Similar to the Z8E000 and
Z8E001, the Z8PE003 offers easy software development,
debug, prototyping, and an attractive One-Time Program-
mable (OTP) solution.
For applications demanding powerful I/O capabilities, the
Z8PE003’s dedicated input and output lines are grouped
into two ports, and are configurable under software control.
Part
Number
ROM
(kb)
RAM*
(Bytes)
Speed
(MHz)
Z8PE003
1
64
10
Note: *General-Purpose.


Similar Part No. - Z8PE003PZ010EC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Z8PE003PZ010SC ETC-Z8PE003PZ010SC Datasheet
69Kb / 1P
   electronics
More results

Similar Description - Z8PE003PZ010EC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8PE002 ZILOG-Z8PE002 Datasheet
608Kb / 48P
   FEATURE-ENHANCED Z8PLUS 0.5K ROM ONE-TIME PROGRAMMABLE(OTP) MICROCONTROLLER
logo
National Semiconductor ...
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
logo
OKI electronic componet...
MSM66P54 OKI-MSM66P54 Datasheet
298Kb / 22P
   One-Time Programmable (OTP) Speech Synthesizer
logo
National Semiconductor ...
COP8SA NSC-COP8SA_00 Datasheet
777Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
logo
Texas Instruments
COP8SAA5 TI-COP8SAA5 Datasheet
820Kb / 62P
[Old version datasheet]   8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
logo
National Semiconductor ...
COP8SA NSC-COP8SA Datasheet
787Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
STMicroelectronics
ST27128AP STMICROELECTRONICS-ST27128AP Datasheet
570Kb / 10P
   128K (16Kx8) NMOS ONE TIME PROGRAMMABLE ROM
JUNE 1988
logo
Zilog, Inc.
Z8E000 ZILOG-Z8E000 Datasheet
547Kb / 45P
   FEATURE-RICH Z8 PLUS ONE-TIME-PROGRAMMABLE MICROCONTRONLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com