Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AN7191NZ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. AN7191NZ
Description  Dual 20 W BTL audio power amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

 
 2 page
background image
2
AN7191NZ
ICs for Audio Common Use
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage *
2
VCC
25
V
Peak supply voltage *
3
Vsurge
80
V
Supply current
ICC
9.0
A
Power dissipation *
4
PD
59
W
Operating ambient temperature *
1
Topr
−30 to +85
°C
Storage temperature *
1
Tstg
−55 to +150
°C
s Block Diagram
Note) *1: Ta = 25°C except power dissipation, operating ambient temperature and storage temperature.
*2 : Without signal
*3 : Time = 0.2 s
*4: Ta = 85°C
Ref.
Protection cct.
Att.con.
Att.
Att.
Att.
Att.
3
4
2
14
13
15
Ch.1 GND
Ch.2 GND
Ch.1 out (
−)
Ch.1 out (
+)
Ch.2 out (
−)
Ch.2 out (
+)
s Pin Descriptions
Pin No.
Description
1
Power supply
2
Ch.1 output (
+)
3
Grounding (output ch.1)
4
Ch.1 output (
−)
5
Standby
6
Ch.1 input
7
Muting
8
Grounding (sub)
Pin No.
Description
9
Grounding (input)
10
Beep sound input
11
Ch.2 input
12
Ripple filter
13
Ch.2 output (
−)
14
Grounding (output ch.2)
15
Ch.2 output (
+)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KIA6210AH22W BTL DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
HA1312717W DUAL BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreHitachi Semiconductor
NTE7102Integrated Circuit Dual Audio Power Amplifier 5.5W/Ch 20W BTL 1 2 3 NTE Electronics
KIA6220HBIPOLAR LINEAR INTEGRATED CIRCUIT 30W BTL DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
KIA6221AHBIPOLAR LINEAR INTEGRATED CIRCUIT 30W BTL DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
NTE1830Integrated Circuit Dual Audio Power Amplifier 5.8W 19W BTL 1 2 3 NTE Electronics
TA7241AP5.8M DUAL AUDIO POWER AMPLIFIER 19W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreToshiba Semiconductor
KIA6280HBIPOLAR LINEAR INTEGRATED CIRCUIT 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
AN7171NKDual BTL 14W Audio Power Amplifier Circuits 1 2 3 4 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl