Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7191NZ Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # AN7191NZ
Description  Dual 20 W BTL audio power amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7191NZ Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button AN7191NZ Datasheet HTML 8Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 9Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 10Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 11Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 12Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 13Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 14Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 15Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 16Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
ICs for Audio Common Use
AN7191NZ
s Technical Information (continued)
[2] Application note (continued)
4. Ripple filter (continued)
6) After power off (STB-low), it takes about 10 seconds or less for the total circuit current to become the stand-
by current (10
µA or less). In order to reduce the inspection time at the set, insert the resistor of approx. 47 kΩ
between the ripple filter terminal and GND. This can shorten the time to reach the standby current.
5. GND terminal
1) Be sure to short-circuit each
GND terminal of pin 3, pin 8,
pin 9 and pin 14 at the outside
of the IC when use.
2) For each GND terminal, the one-
point earth, referenced to the
GND connection point of elec-
trolytic capacitor between the
supply terminal and GND, is
most effective for reducing the
distortion. Even in the worst case, ground pin 8, pin 9 of input GND separately from all the other GND
terminals.
3) Each GND terminal is not electrically short-circuited inside. Only pin 8 is connected with the substrate.
4) Pin 9 is input signal GND. Connect only pin 9 with Pre-GND.
6. Cooling fin
1) The radiation fin is not connected with GND terminal by using Au wire. Only pin 8 is electrically connected
through the substrate.
2) Always attach an outside heat sink to the cooling fin. The cooling fin must be fastened onto a chassis for use.
Otherwise, IC lead failure may occur.
3) Do not give the cooling fin any potential other than the GND potential. Otherwise, it may cause breakdown.
4) Connection of the cooling fin with GND can reduce the incoming noise hum. (It is not necessary to connect
with GND in use, but connect with the power GND when connect with GND.)
200
µA
33
µF
12
1.2 mA
20 k
3.5 k
Figure 4
3.5 k
20 k
30 k
Constant
current source
Protection
circuit
VREF
VCC
13
8
9
14
To GND of input
Figure 5
__ g


Similar Part No. - AN7191NZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7191NZ ETC2-AN7191NZ Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN7191NZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
   20 W 20 W dual BTL class-D audio amplifier
logo
Panasonic Semiconductor
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
   30 W BTL audio power amplifier
AN7199Z PANASONIC-AN7199Z Datasheet
131Kb / 17P
   Dual 20 W BTL power IC for car audio
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
   Dual 20 W BTL Power IC for Car Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com