Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7191NZ Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AN7191NZ
Description  Dual 20 W BTL audio power amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7191NZ Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AN7191NZ Datasheet HTML 4Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 5Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 6Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 7Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 8Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 9Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 10Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 11Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
AN7191NZ
ICs for Audio Common Use
s Technical Information (continued)
[1] Main characteristics (continued)
GV  VCC
THD
 V
CC
VNO  Rg
VNO  VCC
RR
 V
r
RR
 f
r
− 4
− 3
− 2
− 1
0
0
5
10
15
20
25
Supply voltage V
CC (V)
V
CC = 13.2 V
RL = 4 Ω
freq.
= 1 kHz
400 Hz HPF
30 kHz LPF
34 dB
V
CC
10
5
1
2
0.5
0.1
0.2
0.05
0.02
0.01
0
5
10
15
20
25
Supply voltage V
CC (V)
V
CC = 13.2 V
RL = 4 Ω
freq.
= 1 kHz
VIN = 20 mV
400 Hz HPF
30 kHz LPF
CC
2.0
1.5
1.0
0
0.5
10
100
1k
10k
100k
Input impedance R
g (Ω)
V
CC = 13.2 V
RL = 4 Ω
VIN = 0 mV
Wide band
DIN audio
g
2.0
1.5
1.0
0.5
0
0
5
10
15
20
25
Supply voltage V
CC (V)
RL = 4 Ω
VIN = 0 mV
Rg = 4.7 kΩ
Wide band
DIN audio
80
70
60
50
40
30
20
10
0
1
10
100
1 000
10 000
Power supply ripple voltage V
r (mV[rms])
V
CC = 13.2 V
RL = 4 Ω
VIN = 0 mV
Rg = 0 Ω
fr = 120 Hz
DIN audio filter
80
70
60
50
40
30
20
10
0
10
100
1k
10k
Power supply ripple frequency f
r (Hz)
V
CC = 13.2 V
RL = 4 Ω
VIN = 0 mV
Rg = 0 Ω
Vr = 1 V[rms]
DIN audio filter


Similar Part No. - AN7191NZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7191NZ ETC2-AN7191NZ Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN7191NZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
   20 W 20 W dual BTL class-D audio amplifier
logo
Panasonic Semiconductor
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
   30 W BTL audio power amplifier
AN7199Z PANASONIC-AN7199Z Datasheet
131Kb / 17P
   Dual 20 W BTL power IC for car audio
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
   Dual 20 W BTL Power IC for Car Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com