Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7191NZ Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AN7191NZ
Description  Dual 20 W BTL audio power amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7191NZ Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN7191NZ Datasheet HTML 1Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 2Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 3Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 4Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 5Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 6Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 7Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 8Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
AN7191NZ
ICs for Audio Common Use
Pin No.
Equivalent circuit
Description
DC voltage
1
Power supply connection pin
13.2 V
2
Ch.1 output pin (
+) :
6.6 V
Ch.1 positive-phase output pin.
3
GND (Output) :
0 V
Grounding pin for ch.1 output.
4
Ch.1 output pin (
−) :
6.6 V
Ch.1 reverse-phase output pin.
5
Standby control pin :
Standby changeover pin threshold
voltage approx. 2.1 V.
6
Ch.1 input pin :
0 mV to
Ch.1 input signal applied pin input
10 mV
impedance 30 k
Ω.
7
Mute control pin :
Mute changeover pin threshold volt-
age approx. 2.0 V.
s Terminal Equivalent Circuits
30 k
1.2 k
2
1
3
Pre-amp.
Drive circuit
Drive circuit
VREF = 6.6 V
30 k
1.2 k
4
1
3
Pre-amp.
VREF = 6.6 V
Drive circuit
Drive circuit
5
900
10 k
6
Approx.
15
µA
Approx.
15
µA
200
30 k
400
7
5 k


Similar Part No. - AN7191NZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7191NZ ETC2-AN7191NZ Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN7191NZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
   20 W 20 W dual BTL class-D audio amplifier
logo
Panasonic Semiconductor
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
   30 W BTL audio power amplifier
AN7199Z PANASONIC-AN7199Z Datasheet
131Kb / 17P
   Dual 20 W BTL power IC for car audio
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
   Dual 20 W BTL Power IC for Car Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com