Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V9289L9PF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT70V9289L9PF
Description  HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V9289L9PF Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT70V9289L9PF Datasheet HTML 1Page - Integrated Device Technology IDT70V9289L9PF Datasheet HTML 2Page - Integrated Device Technology IDT70V9289L9PF Datasheet HTML 3Page - Integrated Device Technology IDT70V9289L9PF Datasheet HTML 4Page - Integrated Device Technology IDT70V9289L9PF Datasheet HTML 5Page - Integrated Device Technology IDT70V9289L9PF Datasheet HTML 6Page - Integrated Device Technology IDT70V9289L9PF Datasheet HTML 7Page - Integrated Device Technology IDT70V9289L9PF Datasheet HTML 8Page - Integrated Device Technology IDT70V9289L9PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
6.42
IDT70V9389/289L
High-Speed 3.3V 64K x18/x16 Dual-Port Synchronous Pipelined Static RAM
Industrial & Commercial Temperature Ranges
5
Pin Configurations(1,2,3)(con't.)
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
IDT70V9289PF
PN100-1(4)
100-Pin TQFP
Top View(5)
4856 drw 02c
I/O15L
OEL
R/
WL
CNTRSTL
CE1L
CE0L
VDD
NC
A14L
A13L
NC
A12L
A11L
A10L
A9L
I/O10L
I/O11L
I/O12L
I/O13L
I/O14L
UBL
LBL
VSS
FT/PIPER
OER
R/
WR
CNTRSTR
CE1R
CE0R
NC
NC
VSS
A12R
A13R
A11R
A10R
A9R
A14R
I/O10R
I/O11R
I/O12R
I/O13R
I/O14R
I/O15R
VSS
UBR
LBR
FT/PIPEL
A15L
A15R
.
03/28/03
NOTES:
1. All VDD pins must be connected to power supply.
2. All VSS pins must be connected to ground.
3. Package body is approximately 14mm x 14mm x 1.4mm
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.


Similar Part No. - IDT70V9289L9PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
   HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V9289L9PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9389L IDT-IDT70V9389L_14 Datasheet
171Kb / 19P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9289L RENESAS-70V9289L Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
   HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_14 Datasheet
187Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9199 IDT-IDT70V9199_18 Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_18 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_18 Datasheet
208Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9179L IDT-IDT70V9179L Datasheet
204Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_18 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9169 IDT-IDT70V9169 Datasheet
205Kb / 16P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com