Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F082APJ020EC Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z8F082APJ020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
Download  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082APJ020EC Datasheet(HTML) 3 Page - Zilog, Inc.

  Z8F082APJ020EC Datasheet HTML 1Page - Zilog, Inc. Z8F082APJ020EC Datasheet HTML 2Page - Zilog, Inc. Z8F082APJ020EC Datasheet HTML 3Page - Zilog, Inc. Z8F082APJ020EC Datasheet HTML 4Page - Zilog, Inc. Z8F082APJ020EC Datasheet HTML 5Page - Zilog, Inc. Z8F082APJ020EC Datasheet HTML 6Page - Zilog, Inc. Z8F082APJ020EC Datasheet HTML 7Page - Zilog, Inc. Z8F082APJ020EC Datasheet HTML 8Page - Zilog, Inc. Z8F082APJ020EC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Z8 Encore! XP® F08xA Series
Product Specification
iii
Revision History
Each instance in Table 1 reflects a change to this document from its previous revi-
sion. To see more detail, click the appropriate link in the table.
Table 1. Revision History of this Document
Date
Revision
Level
Section
Description
Page #
December
2004
02
Minor corrections to Low-Power Modes, General Purpose I/O, Analog to
Digital Converter, Comparator, Flash Option Bits, Internal Precision
Oscillator, and Electrical Characteristics Chapters.
31,39,
118,119,
120,143,
146,173,
202,203
January
2005
03
Added registered trademark designation and changed product
designation to F08xA Series
All
March
2005
04
Added clarifying information for using the UART Baud Rate Generator as
a simplified timer. Removed 2.2VREF . Removed 8-pin package
information throughout document.
99,2,7,8
210,211
April 2005 05
Incorporated minor changes and clarification to the Reset, GPIO,
Interrupt Controller, Electrical Characteristics, Temperature Sensor, and
Analog to Digital Converter Chapters.
1, 2, 40,
50, 51,
56, 58,
59, 61,
135,
199, 204


Similar Part No. - Z8F082APJ020EC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F082A ZILOG-Z8F082A Datasheet
155Kb / 2P
   Development Kit
Z8F082AHH020EG ZILOG-Z8F082AHH020EG Datasheet
784Kb / 68P
   Select from an assortment of lenses and pyroelectric sensors to best fit your application
Z8F082AHJ020EG ZILOG-Z8F082AHJ020EG Datasheet
784Kb / 68P
   Select from an assortment of lenses and pyroelectric sensors to best fit your application
Z8F082ASB020EG ZILOG-Z8F082ASB020EG Datasheet
784Kb / 68P
   Select from an assortment of lenses and pyroelectric sensors to best fit your application
Z8F082ASJ020EG ZILOG-Z8F082ASJ020EG Datasheet
1Mb / 282P
   High-Performance 8-Bit Microcontrollers
More results

Similar Description - Z8F082APJ020EC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F64200100KITG ZILOG-Z8F64200100KITG Datasheet
233Kb / 18P
   Z8 Encore! XP Z8F642 Development Board
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
   Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z8F6421PM020SC ZILOG-Z8F6421PM020SC Datasheet
1Mb / 299P
   High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Z8ENCORE000ZAC ZILOG-Z8ENCORE000ZAC Datasheet
814Kb / 6P
   The voltage and current requirements of the Z8 Encore
Z8F1601 ZILOG-Z8F1601 Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
ZGENPRP0100MDS ZILOG-ZGENPRP0100MDS Datasheet
113Kb / 2P
   Terminal block inputs for some ADC channels on the Z8 Encore! MCU family
Z87233 ZILOG-Z87233 Datasheet
868Kb / 71P
   CMOS Z8-R MCU Consumer Controller Processor
Z86172 ZILOG-Z86172 Datasheet
1Mb / 60P
   CMOS Z8-R 8-BIT MICROCONTRLLER WITH 16K ROM / 48-BYTE RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com