Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V9289L7PF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT70V9289L7PF
Description  HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V9289L7PF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT70V9289L7PF Datasheet HTML 3Page - Integrated Device Technology IDT70V9289L7PF Datasheet HTML 4Page - Integrated Device Technology IDT70V9289L7PF Datasheet HTML 5Page - Integrated Device Technology IDT70V9289L7PF Datasheet HTML 6Page - Integrated Device Technology IDT70V9289L7PF Datasheet HTML 7Page - Integrated Device Technology IDT70V9289L7PF Datasheet HTML 8Page - Integrated Device Technology IDT70V9289L7PF Datasheet HTML 9Page - Integrated Device Technology IDT70V9289L7PF Datasheet HTML 10Page - Integrated Device Technology IDT70V9289L7PF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
6.42
IDT70V9389/289L
High-Speed 3.3V 64K x18/x16 Dual-Port Synchronous Pipelined Static RAM
Industrial & Commercial Temperature Ranges
7
RecommendedOperating
Temperature and Supply Voltage(1)
Recommended DC Operating
Conditions
Absolute Maximum Ratings(1)
NOTES:
1. These parameters are determined by device characterization, but are not
production tested.
2. 3dV references the interpolated capacitance when the input and output switch
from 0V to 3V or from 3V to 0V.
3. COUT also references CI/O.
Capacitance(1)
(TA = +25°C, f = 1.0MHZ)
Truth Table II—Address Counter Control(1,2)
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2. CE0, LB, UB, and OE = VIL; CE1 and R/W = VIH.
3. Outputs configured in Flow-Through Output mode; if outputs are in Pipelined mode the data out will be delayed by one cycle.
4. ADS and CNTRST are independent of all other signals including CE0, CE1, UB and LB.
5. The address counter advances if CNTEN = VIL on the rising edge of CLK, regardless of all other signals including CE0, CE1, UB and LB.
NOTES:
1. VIL > -1.5V for pulse width less than 10 ns.
2. VTERM must not exceed VDD +0.3V.
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VTERM must not exceed VDD +0.3V for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > VDD + 0.3V.
3. Ambient Temperature Under DC Bias. No AC Conditions. Chip Deselected.
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
External
Address
Previous
Internal
Address
Internal
Address
Used
CLK
ADS
CNTEN
CNTRST
I/O(3)
MODE
XX
0
XX
L(4)
DI/O(0)
Counter Reset to Address 0
An
X
An
L(4)
XH
DI/O(n)
External Address Loaded into Counter
An
Ap
Ap
HH
HDI/O(p)
External Address Blocked—Counter disabled (Ap reused)
XAp
Ap + 1
H
L(5)
HDI/O(p+1)
Counter Enabled—Internal Address generation
4856 tbl 03
Grade
Ambient
Temperature(2)
GND
VDD
Commercial
0OC to +70OC0V
3.3V
+ 0.3V
Industrial
-40OC to +85OC0V
3.3V
+ 0.3V
4856 tbl 04
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
2.0
____
VDD+0.3V(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.8
V
4856 tbl 05
Symbol
Rating
Commercial
& Industrial
Unit
VTERM(2)
Terminal Voltage
with Respect to
GND
-0.5 to +4.6
V
TBIAS(3)
Temperature
Under Bias
-55 to +125
o
C
TSTG
Storage
Temperature
-65 to +150
o
C
TJN
Junction Temperature
+150
o
C
IOUT
DC Output Current
50
mA
4856 tbl 06
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT(3)
Output Capacitance
VOUT = 3dV
10
pF
4856 tbl 07


Similar Part No. - IDT70V9289L7PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
   HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V9289L7PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9389L IDT-IDT70V9389L_14 Datasheet
171Kb / 19P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9289L RENESAS-70V9289L Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
   HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_14 Datasheet
187Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9199 IDT-IDT70V9199_18 Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_18 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_18 Datasheet
208Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9179L IDT-IDT70V9179L Datasheet
204Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_18 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9169 IDT-IDT70V9169 Datasheet
205Kb / 16P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com