Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V9389L7PF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT70V9389L7PF
Description  HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V9389L7PF Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70V9389L7PF Datasheet HTML 1Page - Integrated Device Technology IDT70V9389L7PF Datasheet HTML 2Page - Integrated Device Technology IDT70V9389L7PF Datasheet HTML 3Page - Integrated Device Technology IDT70V9389L7PF Datasheet HTML 4Page - Integrated Device Technology IDT70V9389L7PF Datasheet HTML 5Page - Integrated Device Technology IDT70V9389L7PF Datasheet HTML 6Page - Integrated Device Technology IDT70V9389L7PF Datasheet HTML 7Page - Integrated Device Technology IDT70V9389L7PF Datasheet HTML 8Page - Integrated Device Technology IDT70V9389L7PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
©2003 Integrated Device Technology, Inc.
APRIL 2003
DSC-4856/3
1
Functional Block Diagram
Features:
True Dual-Ported memory cells which allow simultaneous
access of the same memory location
High-speed clock to data access
– Commercial: 6/7.5/9/12ns (max.)
– Industrial: 9ns (max.)
Low-power operation
– IDT70V9389/289L
Active: 500mW (typ.)
Standby: 1.5mW (typ.)
Flow-Through or Pipelined output mode on either port via
the FT/PIPE pins
Counter enable and reset features
Dual chip enables allow for depth expansion without
additional logic
Full synchronous operation on both ports
– 3.5ns setup to clock and 0ns hold on all control, data, and
addressinputs
– Data input, address, and control registers
– Fast 6.5ns clock to data out in the Pipelined output mode
– Self-timedwriteallowsfastcycletime
– 10ns cycle time, 100MHz operation in Pipelined output mode
Separate upper-byte and lower-byte controls for
multiplexed bus and bus matching compatibility
LVTTL- compatible, single 3.3V (±0.3V) power supply
Industrial temperature range (–40°C to +85°C) is
available for selected speeds
Available in a 128-pin Thin Quad Flatpack (TQFP) and
100-pin Thin Quad Flatpack (TQFP)
IDT70V9389/289L
0a 1a
0b 1b
0/1
ab
I/O
Control
1
0/1
0
FT/PIPER
R/WR
UBR
LBR
CE0R
OER
CE1R
MEMORY
ARRAY
Counter/
Address
Reg.
4856 drw 01
A15R
A0R
CLKR
ADSR
CNTENR
CNTRSTR
I/O9L-I/O17L(2)
I/O0L-I/O8L(1)
I/O9R-I/O17R(1)
I/O0R-I/O8R(1)
A15L
Counter/
Address
Reg.
R/WL
UBL
LBL
CE0L
OEL
CE1L
1
0/1
0
1b 0b
1a 0a
0/1
ba
I/O
Control
FT/PIPEL
A0L
CLKL
ADSL
CNTENL
CNTRSTL
HIGH-SPEED 3.3V
64K x18/x16
SYNCHRONOUS PIPELINED
DUAL-PORT STATIC RAM
NOTE:
1. I/O0X - I/O7X for IDT70V9289.
2. I/O8X - I/O15X for IDT70V9289.


Similar Part No. - IDT70V9389L7PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9389L IDT-IDT70V9389L Datasheet
171Kb / 19P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9389L IDT-IDT70V9389L_14 Datasheet
171Kb / 19P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V9389L7PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9389L IDT-IDT70V9389L_14 Datasheet
171Kb / 19P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9289L RENESAS-70V9289L Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
   HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_14 Datasheet
187Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9199 IDT-IDT70V9199_18 Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_18 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_18 Datasheet
208Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9179L IDT-IDT70V9179L Datasheet
204Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_18 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9169 IDT-IDT70V9169 Datasheet
205Kb / 16P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com